Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APL1087R Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part No. APL1087R
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APL1087R Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Apr., 2003
APL1087R
www.anpec.com.tw
6
Typical Characteristics (Cont.)
Dropout Voltage vs. Temperature
IOUT=500mA
-50
-25
0
2 5
5 0
7 5
100
125
150
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
Temperature (
°C)
3
3.1
3.2
3.3
3.4
-50
-25
0
25
50
75
100
125
Output Voltage vs. Temperature
Temperature (°C)
Reference Voltage vs. Temperature
-50
-25
0
2 5
5 0
7 5
100
125
150
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
Temperature (
°C)
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
-50
-25
0
25
50
75
100
125
Output Voltage vs. Temperature
Temperature (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn