Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSP5032RS32Q1 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # RFSP5032RS32Q1
Description  5 GHz 802.11a WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032RS32Q1 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button RFSP5032RS32Q1 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 9Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 10Page - ANADIGICS, Inc RFSP5032RS32Q1 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
7
Figure 4: Gain, ICC and EVM vs. Output Power Across Temperature (Freq = 5.25 GHz, VCC = +3.3 V)
802.11a 54 Mbps OFDM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Gain -40C
Gain +25C
Gain +85C
EVM -40C
EVM +25C
EVM +85C
Current -40C
Current +25C
Current +85C
Gain
Current
EVM
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
4.90
5.00
5.10
5.20
5.30
5.40
5.50
5.60
5.70
5.80
Frequency (GHz)
S11 +85C
S11 +25C
S11 -40C
Figure 5: Input Return Loss vs. Frequency Across Temperature (VCC = +3.3 V)


Similar Part No. - RFSP5032RS32Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP5022 ANADIGICS-RFSP5022 Datasheet
73Kb / 4P
   5.15-5.85 GHz U-NII Power Amplifier
More results

Similar Description - RFSP5032RS32Q1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com