Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRFS-P2023-005 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # PRFS-P2023-005
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PRFS-P2023-005 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button PRFS-P2023-005 Datasheet HTML 4Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 5Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 6Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 7Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 8Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 9Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 10Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 11Page - ANADIGICS, Inc PRFS-P2023-005 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.3
04/2005
RFS P2023
Figure 18: S-Parameter Data S11 and S22, 3.3 V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2.4
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency (GHz)
S11 +25C
S22 +25C
S11 +70C
S22 +70C
S11 0C
S22 0C
Figure 14: ACPR Sidelobes vs.
Output Power at 2.412 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe +25C
1st Sidelobe +70C
1st Sidelobe 0C
2nd Sidelobe +25C
2nd Sidelobe +70C
2nd Sidelobe 0C
Figure 15: ACPR Sidelobes vs.
Output Power at 2.462 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
Output Power
1st Sidelobe +25C
1st Sidelobe +70C
1st Sidelobe 0C
2nd Sidelobe +25C
2nd Sidelobe +70C
2nd Sidelobe 0C
Figure 16: +23 dBm Output Power
at 2.412 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-70
-60
-50
-40
-30
-20
-10
0
2.38
2.39
2.4
2.41
2.42
2.43
2.44
2.45
Frequency (GHz)
+23 dBm @ 2.412 GHz
Spectral Mask Limit
Figure 17: +23 dBm Output Power
at 2.462 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-70
-60
-50
-40
-30
-20
-10
0
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency (GHz)
+23 dBm @ 2.462 GHz
Spectral Mask Limit


Similar Part No. - PRFS-P2023-005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PRFS-P2020-005 ANADIGICS-PRFS-P2020-005 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-006 ANADIGICS-PRFS-P2020-006 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-007 ANADIGICS-PRFS-P2020-007 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-008 ANADIGICS-PRFS-P2020-008 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-009 ANADIGICS-PRFS-P2020-009 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results

Similar Description - PRFS-P2023-005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com