Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6310RM23Q7 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6310RM23Q7
Description  Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6310RM23Q7 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6310RM23Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 8Page - ANADIGICS, Inc AWT6310RM23Q7 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.1
05/2006
AWT6310R
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
Notes:
(1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)
e
v
ir
D
F
R
h
ti
W
y
l
n
O
C
D
0
0
5
+
8
+
V
V
(
e
g
a
tl
o
V
l
o
rt
n
o
C
e
d
o
M
E
D
O
M
)0
5
.
3
+V
V
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
F
E
R
)0
5
.
3
+V
P
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
)-
0
1
+m
B
d
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)0
4
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O
4
2
8
0
5
8
1
-
9
4
8
0
1
9
1
z
H
M
r
a
l
u
ll
e
C
S
C
P
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)2
.
3
+4
.
3
+2
.
4
+V
V
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
F
E
R
)
5
7
.
2
+
0
5
8
.
2
+
-
1
.
3
+
5
.
0
+
V
"
n
o
"
A
P
"
n
w
o
d
t
u
h
s
"
A
P
V
(
e
g
a
tl
o
V
l
o
r
t
n
o
C
e
d
o
M
E
D
O
M
)
5
.
2
+
0
5
8
.
2
+
-
1
.
3
+
5
.
0
+
V
e
d
o
M
s
a
i
B
w
o
L
e
d
o
M
s
a
i
B
h
g
i
H
P
(
r
e
w
o
P
t
u
p
t
u
O
F
R
T
U
O
)
5
.
0
3
)
1
(
5
.
7
2
)
1
(
0
.
1
3
0
.
8
2
-
-
m
B
d
S
P
M
A
A
M
D
C
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
3
--
5
8
+C
°


Similar Part No. - AWT6310RM23Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310RM23Q7 ANADIGICS-AWT6310RM23Q7 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6310RM23Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
   HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6331 ANADIGICS-AWT6331 Datasheet
398Kb / 8P
   ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
   HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com