Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0512P Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # RL0512P
Description  P-SERIES LINEAR PHOTODIODE ARRAY IMAGERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

RL0512P Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  RL0512P Datasheet HTML 1Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 2Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 3Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 4Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 5Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 6Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 7Page - PerkinElmer Optoelectronics RL0512P Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
condition is not satisfied. Figure 4
details the clock waveform require-
ments and overlap tolerances.
The video amplifier buffers the signal
from the integrator for output from the
imager. Care must be taken to keep the
load on this amplifier within its ability
to drive highly reactive or low imped-
ance loads. The half power bandwidth
into an external load of 10 pF is
150 MHz. It is recommended that the
output video signal be buffered with a
wide bandwidth emitter follower or
other appropriate amplifier to provide
a large ZIN to the output amplifier.
Keep the external amplifier close to
the output pins to minimize stray
inductive and capacitive coupling of
the output signal that can harm
signal quality.
Exposure Control and
Antiblooming
An exposure control feature in the
P-series imagers supports variable
charge accumulation time in the photo-
diode. When the antiblooming gate
voltage (
øAB) is set to its high state,
charge is drained from the pixel
storage gate to the exposure control
drain. During normal charge collection
in the photodiode,
øAB is set to its low
state. Due to the timing requirements
of the exposure control mode, charge
is always accumulated at the end of
the period just before the charge is
transferred to the readout register.
Figure 3 includes the timing require-
ments for exposure control with the
antiblooming gate. The exposure
control timing shown will act on the
charge packets that emerge as video
data on the next readout cycle.
Signal
Function
State
Voltage
Tolerance
ø
1 , ø2
Horizontal Clocks
High
5
±5%
Low
0
ø
TG
Transfer Gate
High
8
±10%
Low
0
ø
PG
Photo Gate
High
8
±5%
Low
-4
ø
AB
Antiblooming Gate
High
4
±5%
Low
-4
VOG
Output Gate
3
±5%
ø
RG
Reset Gate
High
8
±10%
Low
0
VDD
Amplifier Voltage Supply
12
±5%
VRD
Amplifier Reset Drain
9.5
±5%
VRD/LS
Amplifier Return / Light Shield
0
Table 4. Operating Voltages
Min
Max
Units
Tempera
emperature
ture
Storage
-25
+85
°C
Operating
-25
+55
°C
V olta
oltage
ge (with
(with respect
respect to
to GND)
GND)
Pins 3, 4, 17 - 19
-0.3
+18
V
Pins 2, 10, 20
-0.3
+18
V
Pins 1, 11
-0.3
+ 0
V
Pins 15, 16
-4.3
+18
V
Table 5. Absolute Maximum Rating Above Which Useful Life May Be Impaired
Linear Photodiode Array
Imagers
www.perkinelmer.com/opto
Imager Performance
In P-series images each element per-
forms its own function admirably
while integrating smoothly with the
other elements on the team. The pho-
todiodes efficiently transform light
to charge, the readout registers accu-
rately transport the charge to the
amplifier, and the amplifier delivers
Output Amplifier (cont.)
a clean, robust signal for use in
image processing electronics. While
the actual performance of these
imagers depends strongly on the
details of the electronics and timing
the camera provides, their straight-
forward implementation require-
ments facilitate optimum designs.
Precautionary Note: The CCD output pin (Pin #2) must never be shorted to either V
SS or VDD while power is
applied to the device. Catastrophic device failure will result!
DSP-101 01H - 7/2002W Page 5


Similar Part No. - RL0512P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0510 ETC-RL0510 Datasheet
54Kb / 1P
   low resistance value chip resistors with short-side electrodes for high-precision current detection.
RL0510 ETC-RL0510 Datasheet
1Mb / 2P
   Low resistance chip resistors (short side terminal)
RL0510S-1R0-F ETC-RL0510S-1R0-F Datasheet
54Kb / 1P
   low resistance value chip resistors with short-side electrodes for high-precision current detection.
More results

Similar Description - RL0512P

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
SD219-51-03-301 ADVANCEDPHOTONIX-SD219-51-03-301 Datasheet
101Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C216 ETC2-PDB-C216 Datasheet
175Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C216 ADVANCEDPHOTONIX-PDB-C216 Datasheet
110Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Luna Innovations Incorp...
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C232 ETC2-PDB-C232 Datasheet
169Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
   Avalanche Photodiode Array
logo
Keysight Technologies
U5855A KEYSIGHT-U5855A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5856A KEYSIGHT-U5856A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5850 KEYSIGHT-U5850 Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com