Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWS5534 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWS5534
Description  High Linearity SP3T
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5534 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWS5534 Datasheet HTML 1Page - ANADIGICS, Inc AWS5534 Datasheet HTML 2Page - ANADIGICS, Inc AWS5534 Datasheet HTML 3Page - ANADIGICS, Inc AWS5534 Datasheet HTML 4Page - ANADIGICS, Inc AWS5534 Datasheet HTML 5Page - ANADIGICS, Inc AWS5534 Datasheet HTML 6Page - ANADIGICS, Inc AWS5534 Datasheet HTML 7Page - ANADIGICS, Inc AWS5534 Datasheet HTML 8Page - ANADIGICS, Inc AWS5534 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.0
04/2004
AWS5534
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
(
s
e
g
a
t
l
o
V
l
o
r
t
n
o
C
1
V
,
2
V
,
3
)-
0
.
0
1
+V
P
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
) )
1
(
-0
1W
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)5
6
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
F
R5
.
0-
5
.
2
z
H
G
V
(
s
e
g
a
t
l
o
V
l
o
r
t
n
o
C
1
V
,
2
V
,
3
)
2
.
0
-
5
.
2
+
-
-
2
.
0
+
5
+
V
e
t
a
t
s
F
F
O
h
t
a
p
F
R
e
t
a
t
s
N
O
h
t
a
p
F
R
T
(
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
A
)0
3
--
5
8
+
oC
Notes:
(1) at RF1, RF2, RF3, and RFC


Similar Part No. - AWS5534

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
AWS5532RS26Q1 ANADIGICS-AWS5532RS26Q1 Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
More results

Similar Description - AWS5534

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS13PN10 INFINEON-BGS13PN10 Datasheet
2Mb / 15P
   SP3T high linearity, high power RF Switch
Revision 1.0 - 2016-09-27
logo
Skyworks Solutions Inc.
AS219-321 SKYWORKS-AS219-321 Datasheet
86Kb / 3P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS219-321 SKYWORKS-AS219-321_07 Datasheet
270Kb / 4P
   PHEMT GaAs IC High-Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS219-000 SKYWORKS-AS219-000 Datasheet
326Kb / 5P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com