Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPH100V10002JB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RPH100V10002JB
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RPH100V10002JB Datasheet(HTML) 1 Page - Vishay Siliconix

  RPH100V10002JB Datasheet HTML 1Page - Vishay Siliconix RPH100V10002JB Datasheet HTML 2Page - Vishay Siliconix RPH100V10002JB Datasheet HTML 3Page - Vishay Siliconix RPH100V10002JB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 50046
Revision 30-May-06
www.vishay.com
24
RPH 100
Vishay Sfernice
For technical questions, contact sfer@vishay.com
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
FEATURES
• High power rating
• Low thermal radiation of the case
• Wide ohmic value range
• Easy mounting
• High overload capabilities
• Reduced size and weight
This new style has been developed as an extension to RCH range. Through the use of thick film technology, a non-inductive
solution for power resistors is available which are rated up to 100 W at + 25 °C. The terminations position prevents any risk of
an electrical arc to the heatsink.
This resistor series can replace and offer advantages to standard wirewound devices.
V Connections
65,5
35
26 37 46,7
42,4
16,6 18,6
21,6
4
ø 4,2
ø 4,2
MECHANICAL SPECIFICATIONS
Mechanical Protection
Insulated case
Substrate
Alumina on metallic
base of nickel coated
aluminum
Resistive Element
Cermet
End Connections
V connections: screws M4 x 6
Tightening Torque Connections
1 Nm
Tightening Torque Heatsink
3 Nm
Weight
60 g
ENVIRONMENTAL SPECIFICATIONS
Thermal Resistance
RTH (j-c) 0.55 °C/W
Temperature Range
- 55 °C + 125 °C
Climatic Category
55/125/56
RPH 100
DIMENSIONS in millimeters
Resistance Range
0.092
Ω to 1 MΩ E24 series
Tolerances
± 1 % to ± 10 %
Power Rating:
Continuous
100 W at 25 °C
chassis mounted 0.45°C/W
10 W at 25 °C
Free air
Momentary
400 W at 25 °C for 5 seconds
Temperature Coefficient
Standard
± 300 ppm/°C < 1
Ω
± 150 ppm/°C > 1
Ω
Limiting Element Voltage
1900 VRMS
Dielectric Strength MIL STD 202
5 kVRMS 1minute 10 mA Max
Insulation Resistance
> 10
6
Inductance
< 0.1 µH
ELECTRICAL SPECIFICATIONS
RoHS
COMPLIANT


Similar Part No. - RPH100V10002JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RPH100 VISHAY-RPH100_15 Datasheet
110Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 19-May-14
More results

Similar Description - RPH100V10002JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com