Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT8504 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AMT8504
Description  1.25 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8504 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AMT8504 Datasheet HTML 4Page - ANADIGICS, Inc AMT8504 Datasheet HTML 5Page - ANADIGICS, Inc AMT8504 Datasheet HTML 6Page - ANADIGICS, Inc AMT8504 Datasheet HTML 7Page - ANADIGICS, Inc AMT8504 Datasheet HTML 8Page - ANADIGICS, Inc AMT8504 Datasheet HTML 9Page - ANADIGICS, Inc AMT8504 Datasheet HTML 10Page - ANADIGICS, Inc AMT8504 Datasheet HTML 11Page - ANADIGICS, Inc AMT8504 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
AMT8504
PRELIMINARY DATA SHEET - Rev 1
07-01
Figure 16: T46F Package Outline Diagram
PACKAGE OUTLINE


Similar Part No. - AMT8504

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L4 ANADIGICS-AMT8210T46L4 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L5 ANADIGICS-AMT8210T46L5 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results

Similar Description - AMT8504

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com