Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME264NB4150MR30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PME264NB4150MR30
Description  EMI suppressor, class X2, metallized paper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PME264NB4150MR30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PME264NB4150MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME264NB4150MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
160
660 VAC 50/60 Hz
1500 VDC
(1600 VDC, + 50°C)
0.001 – 0.1 µF
± 20%
–40 to +85°C
40/085/56/B
S, UL
≤ 1.3 % at 1 kHz
≥ 12000 MΩ
Measured at 500 VDC after 60 s, +23°C
The 100% screening factory test is carried
out at 3000 VDC. The voltage level is
selected to meet the requirements in
applicable equipment standards.
PME264
• EMI suppressor, class X2, metallized paper
• 0.001 – 0.1 µF, 660 VAC, +85 °C
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
High AC and DC voltage applications,
such as
– commutator capacitor in converters
– high voltage DC-capacitor in TV sets
– ignition circuits.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing material
meeting the requirements of UL 94V-0.
Rated voltage
Capacitance range
Capacitance tolerance
Temperature range
Climatic category IEC
Approvals
Dissipation factor tan
δδδδδ
Insulation resistance
Test voltage between terminals
ENVIRONMENTAL TEST DATA
Vibration
IEC 60068-2-6
3 directions at 2 hour each,
No visible damage
Test Fc
10 – 500 Hz at 0.75 mm or 98 m/s2 No open or short circuit
Bump
IEC 60068-2-29
4000 bumps at 390 m/s2
No visible damage
Test Eb
No open or short circuit
Solderability
IEC 60068-2-20
Solder globule method
Wetting time
Test Ta
for d
≤ 0.8 < 1 s
for d > 0.8 < 1.5 s
Active flammability
EN 132400
Passive flammability
IEC 60384-14 (1993)
EN 132400
Humidity
IEC 60068-2-3
+40°C and 90 – 95% R.H.
56 days
Test Ca
• Self-extinguishing encapsulation.
• High dU/dt capability.
• Excellent self-healing properties.
Ensures long life even when subjected to
frequent overvoltages.
• Good resistance to ionisation due to
impregnated dielectric.
• The capacitors meet the most
stringent IEC humidity class, 56 days.
• The impregnated paper ensures
excellent stability giving outstanding
reliability properties, especially in
applications having continuous
operation.
L
B
p
± 0.5
∅ d
d = 0.8 for p = 15.2 and 20.3
1.0 for p = 25.4
l = standard: 30 +5/-0 mm
option: short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request


Similar Part No. - PME264NB4150MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME264NB4470MR30 KEMET-PME264NB4470MR30 Datasheet
56Kb / 1P
   PME264/P264, Film, Metallized Paper, Safety, 4700 pF, 20%, 660 VAC (X2), 1500 VDC, 85C, Lead Spacing = 15.2mm
More results

Similar Description - PME264NB4150MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com