Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE300BF Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # PE300BF
Description  CERMAX XENON ARC LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PE300BF Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  PE300BF Datasheet HTML 1Page - PerkinElmer Optoelectronics PE300BF Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
44370 Christy St.
Fremont, CA 94538
Phone: (510) 979-6500
Fax: (510) 687-1140
Toll Free: (800) 775-6786
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 369
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Power
Current
Operating Voltage
Operational Specifications
Output at Nominal Power
PE300BF and PE300BUV
Physical Specifications
Description
Specification
Arc Gap
.049 inch (1.24mm)
Reflector Geometry
Parabolic Y2 = 0.5 X (inch)
Weight
132 grams
Window Diameter
1 inch (25.4 mm)
Focused Output at F/1.0 Lens
Description
Visible Output
Total Output*
6mm aperture
3130 Lumens
29 watts
8mm aperture
1410 Lumens
14 watts
* Nominal values at 300 watts after 2 hour burn-in.
F= UV Filtered Output/ UV = UV Enhanced Output
Description
Peak Intensity
Radiant Output*
UV Output*
IR Output*
Visible Output*
Color Temperature
Peak Instabilities
Beam Geometry**
*These values indicate total output in all directions.
Wavelengths = UV<390nm, IR>770nm, Visible 390nm to 770nm.
** Beam Geometry defined as half angle at 10% PTS after 01/100/1000 hours.
Notes
1.
Lamp must not be operated with window facing upwards within
45º of vertical.
2.
Seal temperature must not exceed 150º C.
3.
Current/power regulated power supplies and PerkinElmer lamp
housing units are recommended.
4.
Lamp must be operated within recommended current and power
range. Over powering may lead to arc instability, hard starting
and premature aging.
5.
Hot mirror assembly is available for IR filtering.
6.
CERMAX lamps are much safer lamps to use than their quartz
xenon arc lamp equivalents. However, caution must be practiced
when operating lamps because they are under high pressure,
require high voltage, reach temperatures up to 200º C, and their
IR and UV radiation can cause skin burns and eye damage.
Read hazard sheet included with each lamp shipment.
Dimensions
1.000
(25.4)
.165
(4.19)
6-32 UNC 2B X .156 DP
.250 (6.35)
.250 (6.35)
1.000
(25.4)
2 x .40
(10.2)
1.667
(42.34)
.035
(.899)
1.298 (32.96)
.066 (1.52)
.125 (3.18)
Y
X
Focal Point
Cathode
Dimensions in parentheses are in millimeters.
PE300BUV
460x103 candelas
50 watts
6.6 watts
26.8 watts
4500 Lumens
5050 Kelvin
4%
5º/6º/7º
PE300BF
515x103 candelas
50 watts
2.6 watts
28.8 watts
5000 Lumens
5600 Kelvin
4%
5º/6º/7º
Range
180-320 watts
10-22 amps (DC)
13-16 volts (DC)
Nominal
300 watts
21 amps (DC)
14 volts (DC)
Ignition Voltage
23 kilovolts (recommended minimum)
Temperature
150 Þ C (maximum)
Lifetime*
1000 hours (500 hour warranty)
* End of lamp life is defined as 50% of initial output.
Spectral Output
F
UV
F + HOT MIRROR
WAVELENGTH (NM)
200
300
400
500
600
700
800
900
1000
1100
100
80
40
20
0
60
DS-156 Rev C 1101


Similar Part No. - PE300BF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE300BFA ETC2-PE300BFA Datasheet
730Kb / 4P
   CERMAX짰 XENON SHORT-ARC LAMPS
More results

Similar Description - PE300BF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE175BF PERKINELMER-PE175BF Datasheet
62Kb / 2P
   CERMAX XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
PE500DF PERKINELMER-PE500DF Datasheet
63Kb / 2P
   CERMAX XENON ARC LAMPS
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE1500D-10F PERKINELMER-PE1500D-10F Datasheet
65Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE175B-10F PERKINELMER-PE175B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE150A-10F PERKINELMER-PE150A-10F Datasheet
66Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com