Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AL005T-LB Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-K1AL005T-LB
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AL005T-LB Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-K1AL005T-LB Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AL005T-LB Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-K1 SERIES
n
CHARACTERISTIC DATA
0
0.2
0.4
0.6
0.8

1.2
0
0
20
30
40
50
60
70
80
90
00
0A
6A
0A
CoilTemperatureRise
CoilPower(W)
0
1
2
3
4
5
6
7
8
9 0
0
0
20
30
40
50
60
70
80
90
00
FTR-KCK02W
n=200
Time(ms)
DistributionofOperation&
ReleaseTime
Operate
Release
0
0 20 30 40 50 60 70 80
0
0
20
30
40
50
60
70
80
90
00
FTR-KCK02W
n=200
NominalVoltageMultiplyingFactor
DistributionofOperation&
ReleaseVoltage
Operate
Release
DCresistive
ACresistive
50
20
0
5
2

0.5
0.2
0.1
000
500
200
00
50
20
0
FTR-K
ContactVoltage(V)
MaximumSwitchingPower
0
2
4
6
8 0 2 4 6 8 20
0
50
00
200
500
000
000
250VACresistive
24VDCresistive
250VAC cosφ=0.7
DC24V τ=7ms
AC250V cosφ=0.4
DC24V τ=15ms
20
30
300
FTR-KAK
ContactCurrentLoad(A)
LifeCurve
0
2
4
6
8 0 2 4 6 8 20
0
50
00
200
500
000
000
250VACresistive
24VDCresistive
250VAV cosφ=0.7
24VDC τ=7ms
250VAC cosφ=0.4
24VDC τ=15ms
20
30
300
FTR-KCK
ContactCurrentLoad(A)
LifeCurve
0
20
40
60
80
00
0.5

1.5
2
2.5
6A
FTR-K
0A
mustoperatevoltage
(hotcoil)
mustoperatevoltage
(coolcoil)
Ambienttemperature(ºC)
OperatingRange
0
0
20
30
40
50
0
0
20
30
40
50
60
70
80
90
00
FTR-KCK02W
n=200
Contact Resistance (mΩ)
DistributionofContactResistance
Make
Break


Similar Part No. - FTR-K1AL005T-LB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AL005WLABG FUJITSU-FTR-K1AL005WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1AL005WLBBG FUJITSU-FTR-K1AL005WLBBG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
More results

Similar Description - FTR-K1AL005T-LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com