Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD7202GL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MXD7202GL
Description  Low Cost, Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXD7202GL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MEMSIC MXD7202GL/HL/ML/NL
Page 2 of 10
2003.08.04
MXD7202GL/HL/ML/NL SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD = 5.0V
unless otherwise specified)
Parameter
Conditions
Min
MXD7202GL/H
L
Typ.
Max
Min.
MXD7202ML/N
L
Typ.
Max.
Units
SENSOR INPUT
Measurement Range1
Each Axis
±2.0
±2.0
g
Nonlinearity
Best fit straight line
0.5
0.5
% of FS
Alignment Error2
±1.0
±1.0
degrees
Alignment Error
X Sensor to Y Sensor
0.01
0.01
Degrees
Cross Axis Sensitivity3
±0.5
±0.5
%
SENSITIVITY
Duty cycle per g
Duty cycle per g
Each Axis
VDD=5.0V
VDD=3.0V
11.5
11.3
12.5
12.5
13.5
13.7
11.5
11.3
12.5
12.5
13.5
13.7
%/g
%/g
Sensitivity Change over
Temperature4
Delta from 25
°C
10
15
%
ZERO g BIAS LEVEL
0 g Duty cycle
0 g Duty cycle
0 g Duty cycle
0 g Duty cycle
Each Axis
VDD=5.0V
VDD=5.0V
VDD=3.0V
VDD=3.0V
47
-0.24
46
-0.32
50
0.00
50
0.00
53
0.24
54
0.32
47
-0.24
46
-0.32
50
0.00
50
0.00
53
0.24
54
0.32
%
g
%
g
0 g Offset vs. Temperature4
Delta from 25
°C
1.5
1.5
mg/
°C
NOISE PERFORMANCE
Noise Density, rms
@25
°C
0.3
0.8
0.3
0.8
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth
19
19
Hz
DUTY CYCLE OUTPUT STAGE
Output High Voltage
Output Low Voltage
Current
T25 Drift vs. Temperature
Rise/Fall Time
Source or sink @
3.0V- 5.0V Supply
Vs-0.2V
-900
-750
200
0.2
250
-600
Vs-0.2V
-900
-750
200
0.2
250
-600
V
V
uA
ppm/
°C
ns
POWER SUPPLY
Operating Voltage Range
2.7
5.25
2.7
5.25
V
Quiescent Supply Current
@5.0V
3.0
3.8
3.0
3.8
mA
Quiescent Supply Current
@3.0V
3.4
4.3
3.4
4.3
mA
Turn-On Time
Level (0g)
100
100
mS
TEMPERATURE RANGE
Operating Range
0
+70
-40
+85
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Cross axis sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 Defined as the output change from ambient to maximum temperature or ambient to
minimum temperature.
5 Duty cycle period


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn