Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CL022T-LA Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K1CL022T-LA
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CL022T-LA Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K1CL022T-LA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CL022T-LA Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

FTR-K1 SERIES
(a)
SeriesName
FTR-K:FTR-KSeries
(b)
ContactArrangement
A
:formA(SPST-NO)
C
:formC(SPDT)(standardtype"K"only)
(c)
CoilType/Enclosure
K
:Standard(400mW)/Fluxfree(6A,2Acontactsonly)
(d)
NominalVoltage
005
:5VDC,
006:6VDC,
009:9VDC
02:2VDC
08
:8VDC(standardtypeonly) 022:22VDC(standardtypeonly),
024
:24VDC,
028:28VDC 048:48VDC
(e)
ContactMaterial/TVtype
W
:AgSnO2(formC)
T
:AgSnO2/TV-5rated(formATV-5)
(f)
SpecialDesignation
BG
:Goldplated3µm
n
FEATURES
l
Peak80Ainrushcurrent(formAtype)
l
Low profile (height: 15.7mm)
l
HIGHISOLATION
Insulation Distance (between coil and contacts): 10mm min.
Dielectricstrength:5KV
Surgestrength:0KV
l
ClassFcoilwire
l
Lowcoilpower(400mW)
l
Cadmiumfreecontacts
l
SAFETYSTANDARDS
UL,CSA,VDE,SEMKOapproved
UL,CSATV-5ratingapproved(formAtype)
l
RoHSCompliant
l
VDE Glow-wire ignitablility test 775 (IEC60335-1) approved
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.: Ordering code: FTR-K1CK012W
Actual marking: K1CK012W
POWER RELAY
1 POLE - 16A 80A Inrush type
FTR-K1 Series
n
ORDERING INFORMATION
FTR-K C K 005 W –BG
[Example]
(a)
(b) (c) (d) (e)
(f)
RoHS compliant


Similar Part No. - FTR-K1CL022T-LA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK005E FUJITSU-FTR-K1CK005E Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1CK005E-LA-RG FUJITSU-FTR-K1CK005E-LA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-LB-RG FUJITSU-FTR-K1CK005E-LB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-MA-RG FUJITSU-FTR-K1CK005E-MA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1CK005E-MB-RG FUJITSU-FTR-K1CK005E-MB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
More results

Similar Description - FTR-K1CL022T-LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com