Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMSD200B01 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # NMSD200B01
Description  200 mA SYNCHRONOUS RECTIFIER FEATURING N-MOSFET AND SCHOTTKY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NMSD200B01 Datasheet(HTML) 8 Page - Diodes Incorporated

  NMSD200B01 Datasheet HTML 1Page - Diodes Incorporated NMSD200B01 Datasheet HTML 2Page - Diodes Incorporated NMSD200B01 Datasheet HTML 3Page - Diodes Incorporated NMSD200B01 Datasheet HTML 4Page - Diodes Incorporated NMSD200B01 Datasheet HTML 5Page - Diodes Incorporated NMSD200B01 Datasheet HTML 6Page - Diodes Incorporated NMSD200B01 Datasheet HTML 7Page - Diodes Incorporated NMSD200B01 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS30911 Rev. 2 - 2
8 of 8
NMSD200B01
www.diodes.com
Mechanical Details
A
M
J
L
D
B C
H
K
G
F
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
All Dimensions in mm
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
Suggested Pad Layout: (Based on IPC-SM-782)
Fig. 21
Fig. 22
Figure 14
Dimensions
SOT-363*
Z
2.5
G
1.3
X
0.42
Y
0.6
C
1.9
E
0.65
* Typical dimensions in mm
X
Z
Y
C
E
E
G


Similar Part No. - NMSD200B01

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
   6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Power Solutions ...
NMS MURATA-PS-NMS Datasheet
129Kb / 4P
   6kVDC Isolated 2W Dual Output DC-DC Converters
2023
logo
Richco, Inc.
NMS-306 RICHCO-NMS-306 Datasheet
37Kb / 1P
   NYLON METRIC SCREWS
NMS-308 RICHCO-NMS-308 Datasheet
37Kb / 1P
   NYLON METRIC SCREWS
NMS-310 RICHCO-NMS-310 Datasheet
37Kb / 1P
   NYLON METRIC SCREWS
More results

Similar Description - NMSD200B01

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB1K6N06KS6R CYSTEKEC-MTB1K6N06KS6R Datasheet
308Kb / 10P
   200mA Sychronous Rectifier featuring N-MOSFET and Schottky Diode
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
logo
Microsemi Corporation
1N6675UR-1 MICROSEMI-1N6675UR-1 Datasheet
417Kb / 6P
   200 and 500 mA Schottky Barrier Rectifier
logo
Diodes Incorporated
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
logo
Nexperia B.V. All right...
RB521S30-Q NEXPERIA-RB521S30-Q Datasheet
229Kb / 11P
   200 mA low VF Schottky barrier rectifier
20 April 2023
logo
Micro Commercial Compon...
RB520S-40 MCC-RB520S-40 Datasheet
182Kb / 2P
   200 mA Schottky Barrier Diode 40 Volts
RB520S-40 MCC-RB520S-40_17 Datasheet
313Kb / 3P
   200 mA Schottky Barrier Diode 40 Volts
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
191Kb / 8P
   40 V, 200 mA Schottky barrier diode
1 October 2022
BAT721-Q NEXPERIA-BAT721-Q Datasheet
191Kb / 8P
   40 V, 200 mA Schottky barrier diode
3 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com