Electronic Components Datasheet Search |
|
P4SMAJ60CA Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
P4SMAJ60CA Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 4 page PAGE . 3 Approve Sheet Part Number: P4SMAJ SERIES P4SMAJ SERIES SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse RATING Peak Power Dissipation at TA=25°C, TP=1ms(Note 1,2,5)Fig.1 Peak Forward Surge Current, per Figure 5(Note 3) Peak Pulse Current Current on 10/1000µs waveform(Note 1,2,5)Fig.2 Steady State Power Dissipation(Note 4) Operating and Storage Temperature Range °C NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2. 2.Mounted on 5.0mm2 Copper pads to each terminal. 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. 4.lead temperature at 75°C=TL. 5.Peak pluse power waveformis 10/1000µS. FEATURES • For surface mounted applications in order to optimize board space. • Low profile package • Built-in strain relief • Glass passivated junction • Excellent clamping capability • Low inductance • Fast response time: typically less than 1.0 ps from 0 volts to BV min • Typical IR less than 1µA above 10V • High temperature soldering : 250°C/10 seconds at terminals. • Plastic package has Underwriters Laboratory Flammability Classification 94V-O MECHANICAL DATA Case: JEDEC DO-214AC low profile molded plastic Terminals: Solder leads, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band except Bi-directional types. Standard Packageing: 12mm tape per(EIA-481) Weight: 0.002 ounces, 0.064 gram MAXIMUM RATINGS AND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. SYMBOL VALUE UNITS P PPM Minimum 400 Watts 40.0 Amps P M(AV) 1.0 T J, T STG -55 to +150 SMA / DO-214AC Unit: inch ( mm ) .157 (4.00) .181 (4.60) .006 (.152) .012 (.305) .008(.203) .002(.051) .188 (4.80) .208 (5.28) .030 (0.76) .060 (1.52) 3.DATA SHEET I FSM I PPM See Table 1 Watts Amps |
Similar Part No. - P4SMAJ60CA |
|
Similar Description - P4SMAJ60CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |