Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLZ15-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLZ15-7
Description  1.0W SURFACE MOUNT POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLZ15-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLZ15-7 Datasheet HTML 1Page - Diodes Incorporated DFLZ15-7 Datasheet HTML 2Page - Diodes Incorporated DFLZ15-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30464 Rev. 4 - 2
2 of 3
DFLZ5V1 - DFLZ39
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Type
Number
Marking
Codes
Zener Voltage Range
(Note 4)
Zener Impedance
Maximum
Reverse
Current
(Note 4)
Typical Temperature
Coefficient
@ IZTC
%/°C
VZ @ IZT
IZT
ZZT @ IZT
IR
@ VR
Nom (V)
Min (V) Max (V) mA
Typ (W)
Max (W)
m
A
V
Min
Max
DFLZ5V1
FHK
5.1
4.8
5.4
100
2
6
2.5
1
-0.08
-0.2
DFLZ5V6
FHL
5.6
5.2
6.0
100
1
4
10
2
-0.04
0.04
DFLZ6V2
FHN
6.2
5.8
6.6
100
1
3
5
2
-0.01
0.06
DFLZ6V8
FHO
6.8
6.4
7.2
100
1
3
5
3
0
0.07
DFLZ7V5
FHQ
7.5
7.0
7.9
100
1
2
5
3
0
0.07
DFLZ8V2
FHR
8.2
7.7
8.7
100
1
2
5
3
0.03
0.08
DFLZ9V1
FHT
9.1
8.5
9.6
50
1
4
5
5
0.03
0.08
DFLZ10
FHU
10
9.4
10.6
50
1
4
5
7.5
0.05
0.09
DFLZ11
FHV
11
10.4
11.6
50
1
7
4
8.2
0.05
0.1
DFLZ12
FHW
12
11.4
12.7
50
1
7
3
9.1
0.05
0.1
DFLZ13
FHX
13
12.4
14.1
50
1
10
2
10
0.05
0.1
DFLZ15
FHZ
15
13.8
15.6
50
1
10
1
11
0.05
0.1
DFLZ16
FJA
16
15.3
17.1
25
1
15
1
12
0.06
0.11
DFLZ18
FJF
18
16.8
19.1
25
2
15
1
13
0.06
0.11
DFLZ20
FJG
20
18.8
21.2
25
3
15
1
15
0.06
0.11
DFLZ22
FJK
22
20.8
23.3
25
3
15
1
16
0.06
0.11
DFLZ24
FJL
24
22.8
25.6
25
2
15
1
18
0.06
0.11
DFLZ27
FJN
27
25.1
28.9
25
3
15
1
20
0.06
0.11
DFLZ30
FJQ
30
28
32
25
8
15
1
22
0.06
0.11
DFLZ33
FJR
33
31
35
25
5
15
1
24
0.06
0.11
DFLZ36
FJS
36
34
38
10
5
40
1
27
0.06
0.11
DFLZ39
FJT
39
37
41
10
5
40
1
30
0.06
0.11
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
4. Pulse test to minimize self-heating.
0
0.2
0.4
0.6
0.8
1.0
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve
1.2
0.000001
0.00001
0.001
1
0.5
0.6
0.9
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Pulsed Forward Characteristics
0.7
0.8
0.0001
0.01
0.1


Similar Part No. - DFLZ15-7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ15 MCC-DFLZ15 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ15 MCC-DFLZ15 Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
DFLZ15 MCC-DFLZ15 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ15 MCC-DFLZ15 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ15 MCC-DFLZ15 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results

Similar Description - DFLZ15-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com