Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLZ12 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLZ12
Description  1.0W SURFACE MOUNT POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLZ12 Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLZ12 Datasheet HTML 1Page - Diodes Incorporated DFLZ12 Datasheet HTML 2Page - Diodes Incorporated DFLZ12 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30464 Rev. 4 - 2
1 of 3
DFLZ5V1 - DFLZ39
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 200mA
VF
1.2
V
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°
C
Mechanical Data
DFLZ5V1 - DFLZ39
1.0W SURFACE MOUNT POWER ZENER DIODE
PowerDI ä
123
·
Case: PowerDIä123
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202,
Method 208
·
Marking & Type Code Information: See Electrical
Specifications Table and Page 3
·
Ordering Information: See Last Page
·
Weight: 0.01 grams (approximate)
Features
B
A
A
C
E
L4
L
L1
E
H
D
L3
L2
Thermal Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Typ
Max
Unit
Power Dissipation (Note 1)
PD
¾
1.0
W
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
110
¾
°
C/W
Thermal Resistance, Junction to Soldering Point (Note 3)
RqJS
¾
9
°
C/W
Notes:
1. Device mounted on 1" x 1", FR-4 PCB; 2 oz. Cu pad layout as shown on Diodes Inc. suggested pad layout document AP02001.pdf.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
3. Theoretical RqJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
·
1W Power Dissipation on FR-4 PCB
·
Lead Free Finish, RoHS Compliant (Note 2)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
PowerDIä123
Dim
Min
Max
Typ
A
3.50
3.90
3.70
B
2.60
3.00
2.80
C
1.63
1.93
1.78
D
0.93
1.00
0.98
E
0.85
1.25
1.00
H
0.15
0.25
0.20
L
0.45
0.85
0.65
L1
1.35
L2
1.10
L3
0.20
L4
0.90
1.30
1.05
All Dimensions in mm
SPICE MODEL: DFLZ5V1 DFLZ5V6 DFLZ6V2 DFLZ6V8 DFLZ7V5 DFLZ8V2 DFLZ9V1 DFLZ10 DFLZ11 DFLZ12 DFLZ13 DFLZ15 DFLZ16
DFLZ18 DFLZ20 DFLZ22 DFLZ24 DFLZ27 DFLZ33 DFLZ36 DFLZ39


Similar Part No. - DFLZ12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ12 MCC-DFLZ12 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ12 MCC-DFLZ12 Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
DFLZ12 MCC-DFLZ12 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ12 MCC-DFLZ12 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ12 MCC-DFLZ12 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results

Similar Description - DFLZ12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com