Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTU877 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2SSTU877
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2SSTU877 Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
CY2SSTU877
Document #: 38-07575 Rev. *B
Page 3 of 9
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VIN
Input Voltage Range
–0.5
VDDQ + 0.5
V
VOUT
Output Voltage Range
–0.5
VDDQ + 0.5
V
TS
Storage Temperature
–65
150
°C
VCC
Supply Voltage Range
–0.5
2.5
V
IIK
Input Clamp Current
–50
50
mA
IOK
Output Clamp Current
–50
50
mA
IO
Continuous Output Current
–50
50
mA
Continuous Current through VDD/GND
–100
100
mA
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
VIX
Input Differential Crossing Voltage
(VDDQ/2) – 0.15
(VDDQ/2) + 0.15
V
VID DC
Input Differential Voltage (DC Values)
0.3
VDDQ + 0.4
V
VID AC
Input Differential Voltage (AC Values)
0.6
VDDQ + 0.4
V
VIL
Input Low Voltage
(OE, OS, CK, CK#)
0.35 * VDDQ
V
VIH
Input High Voltage
(OE, OS, CK, CK#)
0.65 * VDDQ
V
VOL
Output Low Voltage
IOL = 100 µA0.1
V
IOL = 9 mA
0.6
V
VOH
Output High Voltage
IOH = –100 µAVDDQ – 0.2
V
IOH = –9 mA
1.1
V
IOH
Output High Current
–9
mA
IOL
Output Low Current
9
mA
VIK
Input Clamping Voltage
II = –18 mA
–1.2
V
VOD
Output Differential Voltage
0.5
V
VOX
Output Differential Crossing Voltage
VDDQ/2 – 0.08
VDDQ/2 + 0.08
V
AC Electrical Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
SLR(O)
Output Slew Rate
Y[0:9], Y#[0:9], FBOUT,
FBOUT#
1.5
3
V/ns
SLR(I)
Input Slew Rate
CLK, CLK#, FBIN, FBIN#
1
4
V/ns
OE
0.5
V/ns
CIN
Input Capacitance
(Input Capacitance of CK, CK#,
FBIN, FBIN#) Vi = VDDQ or
GND
23
pF
COUT
pF
CIN(DELTA)
Ci(delta) (CK, CK#, FBIN,
FBIN#) Vi = VDDQ or GND
–0.25
0.25
pF
AC Timing Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
FCLK
Clock Frequency
125
500
MHz
TDC
Duty Cycle
40
60
%
TLOCK
PLL Lock Time
10
µs
Tjitt (cc)
Cycle-to-cycle jitter
–30
30
ps
Tjit (Period)
Period Cycle-to-cycle jitter
–40
20
ps


Similar Part No. - CY2SSTU877

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32 SPECTRALINEAR-CY2SSTU877BVXC-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32T SPECTRALINEAR-CY2SSTU877BVXC-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com