Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74037 Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # CX74037
Description  Transmit RF IC for TDMA or AMPS Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX74037 Datasheet(HTML) 3 Page - Synaptics Incorporated.

  CX74037 Datasheet HTML 1Page - Synaptics Incorporated. CX74037 Datasheet HTML 2Page - Synaptics Incorporated. CX74037 Datasheet HTML 3Page - Synaptics Incorporated. CX74037 Datasheet HTML 4Page - Synaptics Incorporated. CX74037 Datasheet HTML 5Page - Synaptics Incorporated. CX74037 Datasheet HTML 6Page - Synaptics Incorporated. CX74037 Datasheet HTML 7Page - Synaptics Incorporated. CX74037 Datasheet HTML 8Page - Synaptics Incorporated. CX74037 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Transmit RF IC for TDMA or AMPS Applications
CX74037
101103A
Conexant – Proprietary
3
September 27, 2000
Data Subject to Change
Table 1. CX74037 Signal Definition (1 of 2)
Pin NO.
Name
Description
1
Mix_IN+
Input to RF Upconverters. Internally AC coupled, high impedance.
2
Mix_IN-
Input to RF Upconverters. Internally AC coupled, high impedance.
3
VCC_IF
Supply voltage for the AGC amplifier.
4
VGA_GC
The input pin for AGC gain control. A DC control voltage should be applied to this pin to vary the gain of the IF amplifier.
5
VGA_OUT-
VGA Output, open collector. External resistive (300 ohms) pull up to Vcc required.
6
VGA_OUT+
VGA Output, open collector. External resistive (300 ohms) pull up to Vcc required.
7
VCC_LD_PCS
Supply voltage for the PCS last stage driver amplifier.
8
POT_CELL
This pin is connected to an external resistor. The value of the resistor will vary the bias current of the cellular driver.
9
DRV_ENA
This is the input pin for the upconverter and the driver control signal. When the pin is low the driver and the upconverter are
deactivated.
10
RF_PCS_OUT
Output pin for the PCS driver amplifier. Impedance matching is required.
11
VCC_BIAS
Supply voltage of bias cells.
12
RF_CELL_OUT
Output pin for the cellular driver amplifier. Impedance matching is required.
13
BAND
This is a control signal input pin. It selects between cellular band and PCS band. When the input is low, the cellular band is chosen.
When the input is high, the PCS band is chosen.
14
VCC_DRV_CEL
Supply voltage for the driver of the cellular band.
15
POT_PCS
This pin is connected to an external resistor. The value of the resistor will vary the bias current of the PCS driver.
16
VCC_MID_PCS
Supply voltage for the first amplifier in the PCS driver block.
17
DRV_CELL_IN
The Cellular driver amplifier input pin. Impedance matching is required.
18
DRV_PCS_IN
The PCS driver amplifier input pin. Impedance matching is required.
19
I_DATA+
The baseband input for I channel. This is a balanced input. A DC bias has to be supplied to the pin.
20
I_DATA-
Same as pin 20, except complementary input. This pin should be pull low (0 V) in FM mode.
21
VCC_MOD
Supply voltage for the I/Q modulator.
22
Q_DATA+
The baseband input for Q channel. This is a balanced input. A DC bias has to be supplied to the pin.
23
Q_DATA-
Same as pin 23, except complementary input.
24
NC
There is no connection on this pin. Should be tied to ground.
25
NC
There is no connection on this pin. Should be tied to ground.
26
NC
There is no connection on this pin. Should be tied to ground.
27
MIX_PCS_OUT
Output of the PCS upconverter. Impedance matching required.
28
VCC_DIFF_DRV
Supply voltage for a differential amplifier in the upconverter block.
29
PULL_ENA
This is a control signal input pin. When the input is low, the IF VCOs, RF Mixer and buffers, and divide by 2 sections will be
disabled. When the input is high, the mentioned sections will be enabled.
30
MIX_CELL_OUT
Output of the Cellular upconverter. Impedance matching required.
31
VCC_DIV
Supply voltage for the dividers and VCO buffer.
32
NC
There is no connection on this pin. Should be tied to ground.
33
NC
There is no connection on this pin. Should be tied to ground.
34
NC
There is no connection on this pin. Should be tied to ground.
35
IF VCO IN1+
Input pin for the modulator LO signal. The frequency is 2xIF. Can be used single-ended. AC ground the unused pin.
36
IF VCO IN1-
Input pin for the modulator LO signal. The frequency is 2xIF. Can be used single-ended. AC ground the unused pin.
37
NC
There is no connection on this pin. Should be tied to ground.
38
NC
There is no connection on this pin. Should be tied to ground.
39
MODE
This is a control signal input pin. When the input is low, the AMPS mode is selected. If the input is high, TDMA mode is selected. FM
output is 9 dB higher at the modulator output.
40
IF VCO IN2+
Input pin for the modulator LO signal. The frequency is 2xIF. Can be used single-ended. AC ground the unused pin.
41
IF VCO IN2-
Input pin for the modulator LO signal. The frequency is 2xIF. Can be used single-ended. AC ground the unused pin.
42
IF_SELECT
Control signal to select IF VCO INPUT1 or INPUT2. “1” will select IF VCO INPUT1 and “0” will select IF VCO INPUT2.


Similar Part No. - CX74037

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
CX74038-12 SKYWORKS-CX74038-12 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
More results

Similar Description - CX74037

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Transko Electronics, In...
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com