Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22CV10ASI-15L Datasheet(PDF) 1 Page - Anachip Corp

Part # PEEL22CV10ASI-15L
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10ASI-15L Datasheet(HTML) 1 Page - Anachip Corp

  PEEL22CV10ASI-15L Datasheet HTML 1Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 2Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 3Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 4Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 5Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 6Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 7Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 8Page - Anachip Corp PEEL22CV10ASI-15L Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under
any patent accompany the sale of the product.
Rev. 1.0 Dec 16, 2004
1/10
PEEL™ 22CV10A-7/-10/-15/-25
CMOS Programmable Electrically Erasable Logic Device
Features
High Speed/Low Power
- Speeds ranging from 7ns to 25ns
- Power as low as 30mA at 25MHz
Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
Development/Programmer Support
- Third party software and programmers
- Anachip PLACE Development Software
General Description
The PEEL™22CV10A is a Programmable Electrically Eras-
able Logic (PEEL™) device providing an attractive alterna-
tive to ordinary PLDs. The PEEL™22CV10A offers the
performance, flexibility, ease of design and production
practicality
needed by
logic designers today. The
PEEL™22CV10A is available in 24-pin DIP, SOIC, TSSOP
and 28-pin PLCC packages (see Figure 1), with speeds
ranging from 7ns to 25ns and with power consumption as low
as 30mA. EE-reprogrammability provides the conve- nience
of instant reprogramming for development and a reusable
production
inventory,
minimizing
the
impact
of
programming changes or errors. EE-reprogrammability
Architectural Flexibility
- 132 product term X 44 input AND array
- Up to 22 inputs and 10 outputs
- Up to 12 configurations per macrocell
- Synchronous preset, asynchronous clear
- Independent output enables
- 24-pin DIP/SOIC/TSSOP and 28-pin PLCC
Application Versatility
- Replaces random logic
- Pin and JEDEC compatible with 22V10
- Enhanced Architecture fits more logic
than ordinary PLDs
also improves factory testability, thus ensuring the highest
quality possible. The PEEL™22CV10A is JEDEC file com-
patible with standard 22V10 PLDs. Eight additional configu-
rations per macrocell (a total of 12) are also available by
using the “+” software/programming option (i.e., 22CV10A+
& 22CV10A++). The additional macrocell configurations
allow more logic to be put into every design. Programming
and development support for the PEEL™22CV10A are pro-
vided by popular third-party programmers and develop-
ment
software.
Anachip
also
offers
free
PLACE
development software.
Figure 1. Pin Configuration
Figure 2. Block Diagram
I/CLK
1
I
2
I
3
I
4
I
5
I
6
I
7
I
8
I
9
I
10
I
11
GND
12
24
VCC
23
I/O
22
I/O
21
I/O
20
I/O
19
I/O
18
I/O
17
I/O
16
I/O
15
I/O
14
I/O
13
I
DIP
TSSOP
PLCC
*Optional extra ground pin for
-7/I-7 speed grade.
SOIC
9


Similar Part No. - PEEL22CV10ASI-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10ASI-15L ANACHIP-PEEL22CV10ASI-15L Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10ASI-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com