Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086DLA Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1086DLA
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086DLA Datasheet(HTML) 6 Page - Anachip Corp

  AP1086DLA Datasheet HTML 1Page - Anachip Corp AP1086DLA Datasheet HTML 2Page - Anachip Corp AP1086DLA Datasheet HTML 3Page - Anachip Corp AP1086DLA Datasheet HTML 4Page - Anachip Corp AP1086DLA Datasheet HTML 5Page - Anachip Corp AP1086DLA Datasheet HTML 6Page - Anachip Corp AP1086DLA Datasheet HTML 7Page - Anachip Corp AP1086DLA Datasheet HTML 8Page - Anachip Corp AP1086DLA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
6/9
Marking Information
Logo
Part Number
1086
for ADJ
86-VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5V
YY : Year
WW: Nth week
X
: Internal code ( Optional)
( Top View)
86-VV
YYWWX X
Blank: normal
L: Lead Free Package
(TO252-3L)
Logo
Part Number
VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5V
Blank for ADJ
YY : Year
WW: Nth week
X
: Internal code ( Optional)
( Top View)
1086-VV
YYWWX X
Blank: normal
L: Lead Free Package
(TO220-3L / TO263-3L)


Similar Part No. - AP1086DLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086DL-13 DIODES-AP1086DL-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086DL-U DIODES-AP1086DL-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086DLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com