Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086T50A Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1086T50A
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086T50A Datasheet(HTML) 8 Page - Anachip Corp

  AP1086T50A Datasheet HTML 1Page - Anachip Corp AP1086T50A Datasheet HTML 2Page - Anachip Corp AP1086T50A Datasheet HTML 3Page - Anachip Corp AP1086T50A Datasheet HTML 4Page - Anachip Corp AP1086T50A Datasheet HTML 5Page - Anachip Corp AP1086T50A Datasheet HTML 6Page - Anachip Corp AP1086T50A Datasheet HTML 7Page - Anachip Corp AP1086T50A Datasheet HTML 8Page - Anachip Corp AP1086T50A Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
8/9
(2) TO252-3L
b2
E
e
b
e1
H
SEATING PLANE
L
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Notes:
1.
JEDEC Outline: TO-252 AB
2.
Mils suggested for positive contact at mounting.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.40
0.086
0.090
0.094
A1
0.89
-
1.14
0.035
-
0.045
b
0.61 TYP.
0.024 TYP.
b2
5.20
5.35
5.50
0.205
0.211
0.217
C
0.45
0.52
0.58
0.018
0.020
0.023
C1
0.45
0.52
0.58
0.018
0.020
0.023
D
5.40
5.57
6.20
0.213
0.219
0.244
E
6.35
6.58
6.80
0.250
0.259
0.268
e
2.28 BSC.
0.090 BSC.
e1
4.57 BSC.
0.180 BSC.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
-
-
0.020
-
-
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
0.88
-
1.27
0.035
-
0.050


Similar Part No. - AP1086T50A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086T50G-13 DIODES-AP1086T50G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086T50G-U DIODES-AP1086T50G-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086T50L-13 DIODES-AP1086T50L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086T50L-13 DIODES-AP1086T50L-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086T50L-U DIODES-AP1086T50L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086T50A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com