Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLU1200 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLU1200
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLU1200 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLU1200 Datasheet HTML 1Page - Diodes Incorporated DFLU1200 Datasheet HTML 2Page - Diodes Incorporated DFLU1200 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30601 Rev. 2 - 2
2 of 3
DFLU1200
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 3 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
100
0
V , REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
R
0.001
0.01
10
40
80
120
160
200
0.0001
0.1
1
T= -65 C
j
°
T= 25 C
j
°
T= 75 C
j
°
T= 125 C
j
°
T= 150 C
j
°
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.1 Typical Forward Characteristics
F
0.01
0.1
1
10
.0001
.001
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
T= 75 C
j
°
T= 150 C
j
°
T= 25 C
j
°
T = 125 C
j
°
T= -65 C
j
°


Similar Part No. - DFLU1200

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLU1200 DIODES-DFLU1200 Datasheet
110Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200-7 DIODES-DFLU1200-7 Datasheet
110Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200 DIODES-DFLU1200_1 Datasheet
110Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200 DIODES-DFLU1200_15 Datasheet
116Kb / 5P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER PowerDI짰123
More results

Similar Description - DFLU1200

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
   1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com