Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086D50A Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1086D50A
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086D50A Datasheet(HTML) 3 Page - Anachip Corp

  AP1086D50A Datasheet HTML 1Page - Anachip Corp AP1086D50A Datasheet HTML 2Page - Anachip Corp AP1086D50A Datasheet HTML 3Page - Anachip Corp AP1086D50A Datasheet HTML 4Page - Anachip Corp AP1086D50A Datasheet HTML 5Page - Anachip Corp AP1086D50A Datasheet HTML 6Page - Anachip Corp AP1086D50A Datasheet HTML 7Page - Anachip Corp AP1086D50A Datasheet HTML 8Page - Anachip Corp AP1086D50A Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
3/9
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX UNIT
Reference Voltage
AP1086-Adj
TJ=25
oC,(V
IN-VOUT)=1.5V,IO=10mA
1.225
1.250
1.275
V
AP1086-1.5
IOUT = 10mA, TJ = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
Output Voltage
AP1086-1.8
IOUT = 10mA, TJ = 25
oC, 3.3V≦V
IN
12V
1.764
1.800
1.836
V
AP1086-2.5
IOUT = 10mA, TJ = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
AP1086-3.3
IOUT = 10mA, TJ = 25
oC, 4.8V≦V
IN
12V
3.235
3.300
3.365
V
AP1086-5.0
IOUT = 10mA, TJ = 25
oC, 6.5V≦V
IN
12V
4.900
5.000
5.100
V
Line Regulation
AP1086-XXX
IO=10mA, VOUT+1.5V<VIN<12V
-
-
0.2
%
AP1086-Adj
VIN=3.3V, 0mA<Io<1.5A, TJ=25
oC
(Note 1, 2)
-
-
1
%
AP1086-1.5
VIN=3V, 0mA<Io<1.5A, TJ=25
oC
(Note 1, 2)
-
12
15
mV
AP1086-1.8
VIN=3.3V, 0mA<Io<1.5A, TJ=25
oC
(Note 1, 2)
-
15
18
mV
AP1086-2.5
VIN=4V, 0mA<Io<1.5A, TJ=25
oC
(Note 1, 2)
-
20
25
mV
AP1086-3.3
VIN = 5V, 0≦IOUT≦1.5A, TJ=25
oC ,
TJ=25
oC (Note 1.2)
-
26
33
mV
Load Regulation
AP1086-5.0
VIN = 8V, 0≦IOUT≦1.5A, TJ=25
oC ,
TJ=25
oC (Note 1.2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1086-Adj/-2.5
/-3.3/-3.6/-5.0
IOUT = 1.5A, ∆VOUT=1%VOUT
-
1.3
1.4
V
Current Limit
AP1086-Adj/-2.5
/-3.3/-3.6/-5.0
(VIN-VOUT) = 5V
1. 6
-
-
A
Minimum Load Current
AP1086-XXX
0
oC≦Tj≦125oC
-
5
10
mA
Thermal Regulation
TA=25℃, 30ms pulse
-
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1.5A
Ripple Rejection
AP1086-XXX
VIN=VOUT+3V
-
60
70
dB
RMS Noise (% of VOUT)
10Hz
≤ f ≤ 10KHz
-
0.003
-
%
Temperature Stability
IO=10mA
-
0.5
-
%
Thermal Resistance
Junction-to-Ambient
(No heat sink ;No air flow)
TO-252
TO-263
TO-220
-
101
83
86
-
OC/W
Thermal Resistance
Junction-to-Case
TO-252: Control Circuitry/Power Transistor
TO-263: Control Circuitry/Power Transistor
TO-220: Control Circuitry/Power Transistor
-
15
0.65/2.7
0.65/2.7
-
OC/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
Note 2:Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference in input and
output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note 3:Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the device is
guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - AP1086D50A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086D50G-13 DIODES-AP1086D50G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D50G-U DIODES-AP1086D50G-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D50L-13 DIODES-AP1086D50L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086D50L-13 DIODES-AP1086D50L-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D50L-U DIODES-AP1086D50L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086D50A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com