Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS130L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLS130L
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS130L Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLS130L Datasheet HTML 1Page - Diodes Incorporated DFLS130L Datasheet HTML 2Page - Diodes Incorporated DFLS130L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
DS30492 Rev. 1 - 2
3 of 3
DFLS130L
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
(Note 5)
Device
Packaging
Shipping
DFLS130L-7
PowerDIä123
3000/Tape & Reel
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F03
F03 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: P = 2003)
M = Month (ex: 9 = September)
Year
2003
2004
2005
2006
2007
2008
2009
Code
PR
S
T
U
VW
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D


Similar Part No. - DFLS130L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS130L DIODES-DFLS130L Datasheet
90Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30492 Rev. 4 - 2
DFLS130L-7 DIODES-DFLS130L-7 Datasheet
90Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30492 Rev. 4 - 2
DFLS130LQ DIODES-DFLS130LQ Datasheet
201Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
March 2014 Rev. 1 - 2
DFLS130LQ-7 DIODES-DFLS130LQ-7 Datasheet
201Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
March 2014 Rev. 1 - 2
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS130L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com