Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH337Y-L Datasheet(PDF) 3 Page - Anachip Corp

Part # AH337Y-L
Description  Single Phase Hall Effect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH337Y-L Datasheet(HTML) 3 Page - Anachip Corp

  AH337Y-L Datasheet HTML 1Page - Anachip Corp AH337Y-L Datasheet HTML 2Page - Anachip Corp AH337Y-L Datasheet HTML 3Page - Anachip Corp AH337Y-L Datasheet HTML 4Page - Anachip Corp AH337Y-L Datasheet HTML 5Page - Anachip Corp AH337Y-L Datasheet HTML 6Page - Anachip Corp AH337Y-L Datasheet HTML 7Page - Anachip Corp AH337Y-L Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AH337
Single Phase Hall Effect Switch
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar. 29, 2006
3/8
Absolute Maximum Ratings ( at Ta=25oC )
Characteristics
Symbol
Values
Unit
Supply Voltage
Vdd
30
V
Magnetic Flux Density
B
Unlimited
Output OFF Voltage
VDS
30
V
Output “ON” Current
Continuous
Id
25
mA
Operating Temperature Range
Ta
-40~+125
°C
Storage Temperature Range
Ts
-65~+150
°C
Maximum Junction Temp.
Tj
150
°C
SIP-3L
550
mW
Package Power Dissipation
SOT23-3L
Pd
230
mW
Recommended Operating Conditions ( Ta=25oC )
Paramter
Symbol
Conditions
Rating
Unit
Supply Voltage
Vdd
Operating
4.2*~28
V
*Note: The output of IC will be switched after the supply voltage is over 4.2V, but the magnetic characteristics won't be normal until the
supply is over 4.5V.
Electrical Characteristics (Ta=+ 25°C, Vdd=12V)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Output Saturation Voltage
VDS(sat)
Iout=10mA, B > Bop
-
300
400
mV
Output Leakage Current
Ioff
B < Brp
-
<0.1
10
uA
Supply Current
Idd
Output Open
-
2
4
mA
Output Rise Time
tr
RL=820
Ω, CL=20pF
-
0.1
1
us
Output Falling Time
tf
RL=820
Ω, CL=20pF
-
0.1
1
us
Test Circuit
CL
12V
OUT
RL=820 Ohm
CL=20 pF
RL
Test Circuit


Similar Part No. - AH337Y-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-A DIODES-AH337-PG-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PG-B DIODES-AH337-PG-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-A DIODES-AH337-PL-A Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
AH337-PL-B DIODES-AH337-PL-B Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
More results

Similar Description - AH337Y-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
   Single Hall Effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com