Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086D25 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1086D25
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086D25 Datasheet(HTML) 4 Page - Anachip Corp

  AP1086D25 Datasheet HTML 1Page - Anachip Corp AP1086D25 Datasheet HTML 2Page - Anachip Corp AP1086D25 Datasheet HTML 3Page - Anachip Corp AP1086D25 Datasheet HTML 4Page - Anachip Corp AP1086D25 Datasheet HTML 5Page - Anachip Corp AP1086D25 Datasheet HTML 6Page - Anachip Corp AP1086D25 Datasheet HTML 7Page - Anachip Corp AP1086D25 Datasheet HTML 8Page - Anachip Corp AP1086D25 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
4/9
Functional Description
Introduction
The AP1086 adjustable or fixed-mode Low Dropout
(LDO) regulator is a 3 terminal device which can
easily be programmed by internal mask change to
any voltages within the range of 1.25V to Vin-1.4V.
The AP1086 only needs 1.4V differential between
Vin and Vout to maintain output regulation. In
addition, the output voltage tolerances are also
extremely tight and they include the transient
response as part of the specification. For example,
Intel VRE specification calls for a total of +/- 100mV
including initial tolerance, load regulation and 0 to
1.5A load step.
The AP1086 is specifically designed to meet the
fast current transient needs as well as providing an
accurate initial voltage, reducing the overall system
cost with the need for fewer output capacitors.
Load Regulation
Since the AP1086 is only a 3 terminal device, it is
not possible to provide true remote sensing of the
output voltage at the load. But it can supply good
load regulation by internal feedback bypass the
external loss such as adjustable mode.
Stability
The AP1086 requires the use of an output capacitor
as part of the frequency compensation in order to
make the regulator stable. For most applications a
minimum of 10uF aluminum electrolytic capacitor
insures both stability and good transient response.
Thermal Design
The AP1086 incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the maximum allowable
junction temperature. Although this device can
operate with junction temperatures in the range of
150
oC, it is recommended that the selected heat
sink be chosen such that during maximum
continuous load operation the junction temperature
is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to
the Vout terminal of the device as possible. It is
recommended to use a section of a layer of the PC
board as a plane to connect the Vout pin to the
output capacitors to prevent any high frequency
oscillation that may result due to excessive trace
inductance.


Similar Part No. - AP1086D25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086D25G-13 DIODES-AP1086D25G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D25G-U DIODES-AP1086D25G-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D25L-13 DIODES-AP1086D25L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086D25L-13 DIODES-AP1086D25L-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086D25L-U DIODES-AP1086D25L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086D25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com