Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90387 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part # MB90387
Description  16-bit Proprietary Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90387 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB90387 Datasheet HTML 11Page - Fujitsu Component Limited. MB90387 Datasheet HTML 12Page - Fujitsu Component Limited. MB90387 Datasheet HTML 13Page - Fujitsu Component Limited. MB90387 Datasheet HTML 14Page - Fujitsu Component Limited. MB90387 Datasheet HTML 15Page - Fujitsu Component Limited. MB90387 Datasheet HTML 16Page - Fujitsu Component Limited. MB90387 Datasheet HTML 17Page - Fujitsu Component Limited. MB90387 Datasheet HTML 18Page - Fujitsu Component Limited. MB90387 Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
MB90385 Series
15
s I/O MAP
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource
Initial value
000000H
(Reserved area) *
000001H
PDR1
Port 1 data register
R/W
Port 1
XXXXXXXXB
000002H
PDR2
Port 2 data register
R/W
Port 2
XXXXXXXXB
000003H
PDR3
Port 3 data register
R/W
Port 3
XXXXXXXXB
000004H
PDR4
Port 4 data register
R/W
Port 4
XXXXXXXXB
000005H
PDR5
Port 5 data register
R/W
Port 5
XXXXXXXXB
000006H
to
000010H
(Reserved area) *
000011H
DDR1
Port 1 direction data register
R/W
Port 1
00000000B
000012H
DDR2
Port 2 direction data register
R/W
Port 2
00000000B
000013H
DDR3
Port 3 direction data register
R/W
Port 3
000X0000B
000014H
DDR4
Port 4 direction data register
R/W
Port 4
XXX00000B
000015H
DDR5
Port 5 direction data register
R/W
Port 5
00000000B
000016H
to
00001AH
(Reserved area) *
00001BH
ADER
Analog input permission register
R/W
8/10-bit
A/D converter
11111111B
00001CH
to
000025H
(Reserved area) *
000026H
SMR1
Serial mode register 1
R/W
UART1
00000000B
000027H
SCR1
Serial control register 1
R/W, W
00000100B
000028H
SIDR1/
SODR1
Serial input data register 1/ Serial
output data register 1
R, W
XXXXXXXXB
000029H
SSR1
Serial status data register 1
R, R/W
00001000B
00002AH
(Reserved area) *
00002BH
CDCR1
Communication prescaler control
register 1
R/W
UART1
0XXX0000B
00002CH
to
00002FH
(Reserved area) *
000030H
ENIR
DTP/External interrupt permission
register
R/W
DTP/External
interrupt
00000000B
000031H
EIRR
DTP/External interrupt permission
register
R/W
XXXXXXXXB
000032H
ELVR
Detection level setting register
R/W
00000000B
000033H
R/W
00000000B


Similar Part No. - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90387 FUJITSU-MB90387 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
logo
Cypress Semiconductor
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
logo
Fujitsu Component Limit...
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
logo
Cypress Semiconductor
MB90387PMT CYPRESS-MB90387PMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
More results

Similar Description - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com