Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90387 Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part # MB90387
Description  16-bit Proprietary Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90387 Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Back Button MB90387 Datasheet HTML 46Page - Fujitsu Component Limited. MB90387 Datasheet HTML 47Page - Fujitsu Component Limited. MB90387 Datasheet HTML 48Page - Fujitsu Component Limited. MB90387 Datasheet HTML 49Page - Fujitsu Component Limited. MB90387 Datasheet HTML 50Page - Fujitsu Component Limited. MB90387 Datasheet HTML 51Page - Fujitsu Component Limited. MB90387 Datasheet HTML 52Page - Fujitsu Component Limited. MB90387 Datasheet HTML 53Page - Fujitsu Component Limited. MB90387 Datasheet HTML 54Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
MB90385 Series
50
11. UART Outline
UART is a general-purpose serial data communication interface for synchronous and asynchronous communi-
cation using external devices.
• Provided with bi-directional communication function for both clock-synchronous and clock-asynchronous
modes.
• Provided with master/slave communication function (multi-processor mode). (Only master side is available.)
• Interrupt request is generated upon completion of reception, completion of transmission and detection of
reception error.
• Ready for expanded intelligent service, EI2OS.
UART functions
Note : Start/stop bit is not added upon clock-synchronous transmission. Data only is transmitted.
UART operation modes
 : Disallowed
*1 : “+1” is an address/data selection bit used for communication control (bit 11 of SCR1 register: A/D).
*2 : Only 1 bit is detected as a stop bit on data reception.
Description
Data buffer
Full-duplex double buffer
Transmission mode
Clock synchronous (No start/stop bit, no parity bit)
Clock asynchronous (start-stop synchronous)
Baud rate
Built-in special-purpose baud-rate generator. Setting is selectable
among 8 values.
Input of external values is allowed.
Use of clock from external timer (16-bit reload timer 0) is allowed.
Data length
7 bits (only asynchronous normal mode)
8 bits
Signaling system
Non Return to Zero (NRZ) system
Reception error detection
Framing error
Overrun error
Parity error (not detectable in operation mode 1 (multi-processor
mode))
Interrupt request
Receive interrupt (reception completed, reception error detected)
Transmission interrupt (transmission completed)
Ready for expanded intelligent I/O service (EI2OS) in both transmis-
sion and reception
Master/slave communication function
(asynchronous, multi-processor mode)
Communication between 1 (master) and n (slaves) are available
(usable as master only).
Operation mode
Data length
Synchronization
Stop bit length
With parity
Without parity
0
Asynchronous mode
(normal mode)
7-bit or 8-bit
Asynchronous
1- bit or 2-bit *2
1
Multi processor mode
8+1*1
Asynchronous
2
Synchronous mode
8
Synchronous
No


Similar Part No. - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90387 FUJITSU-MB90387 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
logo
Cypress Semiconductor
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
logo
Fujitsu Component Limit...
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
logo
Cypress Semiconductor
MB90387PMT CYPRESS-MB90387PMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
More results

Similar Description - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com