Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK018W-MA Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-K1CK018W-MA
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK018W-MA Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-K1CK018W-MA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK018W-MA Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-K1 SERIES
Type
Compliance
Contactrating
FTR-KCK()W
FTR-KAK()T
UL
UL508
E6364
Flammability:UL94-V0(plastics)
16A, 277 VAC (resistive)
20A, 277 VAC (resistive)
1 HP, 277VAC
/2HP,25VAC
/8HP,25VAC
Pilotduty:B300
6A,24VAC(resistive)
16A, 277 VAC (resistive)
20A, 277 VAC (resistive)
1 HP, 277VAC
/2HP,25VAC
TV-5,20VAC25,000cycles
Pilotduty:A300
CSA
C22.2 No. 14
LR40304
VDE
0435, 0631, 0700, 0860,
4003848
16A, 250 VAC (cosØ=1), 85˚C
3.5A, 250 VAC (cosØ=0.4), 85˚C
16 A 24VDC (0ms), 85˚C
5A, 250 VAC 10,000 times, 85˚C
SEMKO
EN6058-:992andA
EN6095:993andA+A
250VAC,6(3)A40T85
5A/80A250VAC40T85
n
SAFETY STANDARDS
n
INSULATION
Item
FTR-K
Note
Resistance(initial)
Minimum 1,000 MΩ 1 min.
at500VDC
Dielectric
Strength
opencontacts
1,000 VAC (50/60 Hz) 1 min.
coilandcontacts
5,000 VAC (50/60 Hz) 1 min.
SurgeVoltage(coilandcontact)
0,000V
1.2 x 50µs standard wave
Clearance/Creepage
0mm/0mm
Insulation(DINEN680-VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
3
IIIa
Isolationcategory/Referencevoltage(VDE00b) C/250V
ComplieswithNEMKO,DEMKO,FIMKO


Similar Part No. - FTR-K1CK018W-MA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK018W-HT FUJITSU-FTR-K1CK018W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
More results

Similar Description - FTR-K1CK018W-MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com