Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0254V2-0000-A99 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MEC0254V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0254V2-0000-A99 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MEC0254V2-0000-A99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Bearing
VAPO
Dustproof
Oil Free
High Air Flow
40x40x20
Model
MB40200V1-0000-A99
MB40200V2-0000-A99
MB40200V3-0000-A99
MB40201VX-0000-A99
MB40201V1-0000-A99
MB40201V2-0000-A99
MB40201V3-0000-A99
MB40202VX-0000-A99
MB40202V1-0000-A99
MB40202V2-0000-A99
Rating
Voltage
(VDC)
5
5
5
12
12
12
12
24
24
24
Power
Current
(mA)
190
123
81
115
70
50
40
64
50
33
Model
EB40200S1-0000-999
EB40200S2-0000-999
EB40200S3-0000-999
EB40201SX-0000-999
EB40201S1-0000-999
EB40201S2-0000-999
EB40201S3-0000-999
EB40202S1-0000-999
EB40202S2-0000-999
(VDC)
5
5
5
12
12
12
12
24
24
(mA)
218
140
100
120
90
63
45
54
33
(WATTS)
1.09
0.70
0.50
1.44
1.08
0.76
0.54
1.30
0.80
(RPM)
7200
6200
5200
8200
7200
6200
5200
7200
6200
(CFM)
8.9
7.7
6.3
10.8
8.9
7.7
6.3
8.9
7.7
(Inch-H2O)
0.21
0.16
0.11
0.27
0.21
0.16
0.11
0.21
0.16
(dBA)
25.5
21.0
18.0
27.5
25.5
21.0
18.0
25.5
21.0
(g)
30.0
30.0
30.0
31.0
31.0
31.0
31.0
31.0
31.0
Bearing
SLEEVE
04
50x50x15
Model
(VDC)
(mA)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Bearing
VAPO
Power
Consumption
(WATTS)
0.95
0.32
0.41
1.38
0.84
0.60
0.48
1.54
1.20
0.80
Speed
(RPM)
7200
6200
5200
8200
7200
6200
5200
8200
7200
6200
Air
Flow
(CFM)
8.9
7.7
6.3
10.8
8.9
7.7
6.3
10.8
8.9
7.7
Static
Pressure
(Inch-H2O)
0.21
0.16
0.11
0.27
0.21
0.16
0.11
0.27
0.21
0.16
Noise
(dBA)
25.5
21.0
18.0
27.5
25.5
21.0
18.0
27.5
25.5
21.0
Weight
(g)
30.0
30.0
30.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
60x60x15
Model
ME60151V1-0000-A99
ME60151V2-0000-A99
ME60151V3-0000-A99
ME60152V1-0000-A99
ME60152V2-0000-A99
(VDC)
12
12
12
24
24
(mA)
160
140
75
100
85
(WATTS)
1.92
1.68
0.90
2.40
2.04
(RPM)
5400
4700
3900
5400
4700
(CFM)
25.2
21.9
18.1
25.2
21.9
(Inch-H2O)
0.15
0.12
0.08
0.15
0.12
(dBA)
36.2
32.5
28.2
36.2
32.5
(g)
30.5
30.5
30.5
30.5
30.5
Bearing
VAPO
ME50151V1-0000-A99
ME50151V2-0000-A99
ME50151V3-0000-A99
ME50152V1-0000-A99
ME50152V2-0000-A99
12
12
12
24
24
145
125
65
95
80
1.74
1.50
0.78
2.28
1.92
7000
6100
4900
7000
6100
18.6
16.1
12.9
18.6
16.1
0.26
0.20
0.14
0.26
0.20
40.1
36.0
30.1
40.1
36.0
27.6
27.6
27.6
27.6
27.6
* If you need special specification. Please contact Sunon sales.
* Specifications are subject to change without notice. Specifications in this catalog are for reference. More Sunon products information please
visit SUNON web site at http://www.sunon.com.
*2010 / 05 / 31


Similar Part No. - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0381V1-000U-A99 ETC-MEC0381V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V2-000U-A99 ETC-MEC0381V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V3-000U-A99 ETC-MEC0381V3-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V1-000U-A99 ETC-MEC0382V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
   MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com