Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH900 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # MH900
Description  Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MH900 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  MH900 Datasheet HTML 1Page - PerkinElmer Optoelectronics MH900 Datasheet HTML 2Page - PerkinElmer Optoelectronics MH900 Datasheet HTML 3Page - PerkinElmer Optoelectronics MH900 Datasheet HTML 4Page - PerkinElmer Optoelectronics MH900 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.per kinelmer.com/opto
© 2001 PerkinElmer, Inc. All rights reserved.
.
USA:
PerkinElmer Optoelectronics
2175 Mission College Blvd.
Santa Clara, CA 95054
Phone: (408) 565-0850
Fax: (408) 565-0793
EUROPE:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 534
Fax: +49 611 492 578
ASIA:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
DS-286 Rev A 1101
Dimensions (mm)
MH 900 Series
MH 1300 Series
MH 1900 Series
Red
5 V
Black
Gnd
Yellow
Monitor voltage (Vch-ent)
Green
optional (with ext. OpAmp):
External control voltage HV-supply (0 ... 3 V)
Coax (brown)
External Gate in (only bialkali CPMs)
Coax (black)
Anode signal out (shielding to be connected to ground !)
Connections
·
CAUTION: HIGH VOLTAGE WARNING
This product operates at high voltage. Extreme care must be taken to ensure operator safety and to avoid damage to other
instruments. Avoid direct contact with the entrance window of the built in CPM when high voltage is applied. Avoid placing
conductive material close to the cathode.
Ensure that no light levels are applied, generating higher anode currents than specified.
All given values are nominal/typical @ 20 °C ambient temperature; specification subject to change without notice


Similar Part No. - MH900

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MH942P PERKINELMER-MH942P Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH943P PERKINELMER-MH943P Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH944P PERKINELMER-MH944P Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH952P PERKINELMER-MH952P Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH962P PERKINELMER-MH962P Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
More results

Similar Description - MH900

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MD900 PERKINELMER-MD900 Datasheet
357Kb / 5P
   Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
Diodes Incorporated
AH3382 DIODES-AH3382_18 Datasheet
752Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH
logo
Hamamatsu Corporation
R9110 HAMAMATSU-R9110 Datasheet
177Kb / 4P
   PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C10940 HAMAMATSU-C10940_15 Datasheet
114Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C10940-03 HAMAMATSU-C10940-03 Datasheet
122Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com