Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M668 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M668
Description  DUAL TONE MELODY XMAS LIGHT CONTROL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M668 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M668 Datasheet HTML 1Page - List of Unclassifed Manufacturers M668 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DUAL TONE MELODY
雙音音樂
XMAS LIGHT CONTROL
聖誕燈串控制 IC
2/2
2002-06-24
XMAS LIGHT
M668
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
MODE FORMAT
MODE
MODE 0
MODE 1
LIGHT
LIGHT
VOLUME
M1
同時
同時
M2
2 組交替
2 組交替
M3
1 燈跑馬
1 燈跑馬
M4
2 燈跑馬
循環
M5
M1~M4 循環
同時+2 燈跑馬
M6
M1~M4 循環
2 組交替+1 燈跑馬
M7
全亮
循環
靜音
M8
全亮
SONG LIST
1.
Angels we have heard on high
13.
It came upon the midnight clear
2.
Silent night
14.
Santa Claus is coming to down
3.
Away in a manger
15.
O Christmas tree
4.
We three king of orient are
16.
Rudolph, the red-nosed reindeer
5.
Jingle bells
17.
What child is this
6.
We wish you a merry Christmas
18.
I saw three ships
7.
The twelve days of Christmas
19.
O litter town of Bethlehem
8.
Up on the housetop
20.
God rest you merry, gentlemen hark
9.
Jolly old saint nickel
21.
Deck the halls
10 Good king wencelas
22.
The herald angels sing
11. O come, all ye faithful
23.
The snow lay on the ground
12. Joy to the world
24.
Bring a torch
25.
The first noel
PAD ASSIGNMENT & POSITION
* IC CHIP ~ 2.2 x 2.4 mm
2, substrate to VDD.
* All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
UNIT : um
No.
PAD
X
Y
1
S1
822
982.5
2
S2
662.25
982.5
3
S3
502.5
982.5
4
S4
343.5
982.5
5
S5
157.5
982.5
6
VOL
0.75
981
7
MODE
-900
-982.5
8
VSS
-650.25
-982.5
9
TG
-425.25
-982.5
10
Y
-261
-982.5
11
X
422.25
-982.5
12
TEST
675.75
-982.5
13
VDD
900
-982.5
14
BZ
900
-437.25
15
E2
900
255
16
E1
900
630
X
Y
( 0 , 0 )
6
5
4
321
16
15
14
13
12
11
10
9
8
7


Similar Part No. - M668

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
logo
Mitsubishi Electric Sem...
M66850FP MITSUBISHI-M66850FP Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
M66851FP MITSUBISHI-M66851FP Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
M66851J MITSUBISHI-M66851J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
More results

Similar Description - M668

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
logo
Unisonic Technologies
1668 UTC-1668 Datasheet
118Kb / 4P
   DUAL TONE MELODY XMAS LIGHT CONTROL
UTC1668 UTC-UTC1668 Datasheet
123Kb / 4P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
M80002-4 ETC2-M80002-4 Datasheet
107Kb / 4P
   4 STRINGS XMAS LIGHT CONTROL
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com