Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3878SD-ADJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3878SD-ADJ
Description  Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3878SD-ADJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3878SD-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3878SD-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.3V, VOUT = 1V, IL = 1 mA,
C
IN = 4.7 µF, COUT = 10 µF, VS/D = 2V, CBYP = 10 nF, TJ = 25˚C.
I
GND vs Temperature
Minimum V
IN Over Temperature
20120920
20120921
I
GND vs ILoad
V
OUT vs Temperature
20120922
20120959
Minimum V
IN vs VOUT
Minimum V
IN vs VOUT
20120951
20120952
www.national.com
5


Similar Part No. - LP3878SD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3878SD-ADJ/NOPB TI-LP3878SD-ADJ/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower 800-mA Low-Noise
More results

Similar Description - LP3878SD-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Texas Instruments
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
   5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com