Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4632 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4632
Description  10 W Two-Channel BTL AF Power Amplifier for Audio Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4632 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA4632 Datasheet HTML 1Page - Sanyo Semicon Device LA4632 Datasheet HTML 2Page - Sanyo Semicon Device LA4632 Datasheet HTML 3Page - Sanyo Semicon Device LA4632 Datasheet HTML 4Page - Sanyo Semicon Device LA4632 Datasheet HTML 5Page - Sanyo Semicon Device LA4632 Datasheet HTML 6Page - Sanyo Semicon Device LA4632 Datasheet HTML 7Page - Sanyo Semicon Device LA4632 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
No.8178-6/8
LA4632
[Thermal Protection Circuit]
• The LA4632 includes an on-chip thermal protection circuit to prevent degradation or destruction of the IC due to
abnormal heating. If this IC's junction temperature (Tj) rises above 160°C due to and insufficient heat sink or other
reason, the thermal protection circuit will operate and gradually reduce the output signal level. This protection
function clears automatically as the temperature falls.
Notes on Printed Circuit Boards
When designing the printed circuit board pattern, keep the inputs and VCC, and the inputs and the outputs, away from
each other. (This is to prevent increased distortion, oscillation, and other problems.)
Notes on Heat Sink Attachment
Foreign matter such as metal chips must not be trapped between the IC's heat sink and the externally attached heat sink.
If a grease is used between the IC and the external heat sink, be sure to apply the grease evenly to the whole contact
surface.
Other Notes
The LA4632 is a BTL power amplifier IC. When connecting test equipment, the test equipment used for the input
system and the test equipment used for the output system must not share the same ground.
2
0
10
20
30
40
100
60
70
80
90
50
48
16
610
14
12
18
24
20
22
ICCO -- VCC
ILA06995
THD -- PO
ILA06997
6
4
0
4
8
12
16
22
20
2
6
10
14
18
816
20
12
14
18
10
24
22
PO -- VCC
ILA06996
VCC=13V
RL=4Ω
0.1
1.0
23
5
7
3
10
22
35
7
7
5
3
10
2
3
2
7
5
7
5
1.0
3
0.1
RL=Open
Rg=0
f=1kHz
THD=10%
f=10kHz
f=100Hz
f=1kHz
THD -- PO
ILA06998
VCC=13V
RL=6Ω
0.1
1.0
23
5
7
2
1.0
35
7
2
7
5
3
10
2
3
2
7
5
7
5
1.0
3
0.1
f=10kHz
f=100Hz
f=1kHz
Supply voltage, VCC - V
Supply voltage, VCC - V
Output power, PO - W
Output power, PO - W


Similar Part No. - LA4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4630N SANYO-LA4630N Datasheet
251Kb / 7P
   9V/12V 3-Dimension Power IC for Radio Cassette Recorders
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
More results

Similar Description - LA4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com