Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUN5111W Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part No. MUN5111W
Description  Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETL [E-Tech Electronics LTD]
Homepage  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MUN5111W Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MUN5111W Datasheet HTML 1Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 2Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 3Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 4Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 5Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 6Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 7Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 8Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MUN5111dw–1/11
1
3
2
MUN5111DW1T1
Series
SOT-363
CASE 419B STYLE1
6
4
5
Dual Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
XX
MARKING DIAGRAM
13
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
the device marking table on page 2 of
this data sheet.
xx = Device Marking
= (See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
Rating
Symbol Value
Unit
Collector-Base Voltage
V CBO
–50
Vdc
Collector-Emitter Voltage
V CEO
–50
Vdc
Collector Current
I C
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
P D
187 (Note 1.)
mW
T A = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θJA
670 (Note 1.)
°C/W
Junction-to-Ambient
490 (Note 2.)
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
T A = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a base–emitter resistor. These
digital transistors are designed to replace a single device and its external resistor bias network.
The BRT eliminates these individual components by integrating them into a single device. In
the MUN5111DW1T1 series, two BRT devices are housed in the SOT–363 package which
is ideal for low–power surface mount applications where board space is at a premium.
. Simplifies Circuit Design
. Reduces Board Space
. Reduces Component Count
. Available in 8 mm, 7 inch/3000 Unit Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211DW1T1Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn