Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUN5111W Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part No. MUN5111W
Description  Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETL [E-Tech Electronics LTD]
Homepage  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MUN5111W Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  MUN5111W Datasheet HTML 1Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 2Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 3Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 4Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 5Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 6Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 7Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 8Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MUN5111dw–3/11
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
DC Current Gain
MUN5111DW1T1
(V CE = –10 V, I C = –5.0 mA)
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5135DW1T1
MUN5135DW1T1
MUN5111DW1T1
Series
h FE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
250
250
5.0
15
27
140
130
140
130
140
Output Voltage (on)
(V
CC = –5.0 V, V B = –2.5 V, R L = 1.0 kΩ)
MUN5111DW1T1
MUN5112DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5113DW1T1
MUN5136DW1T1
MUN5137DW1T1
V
OL
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
Vdc
(V
CC = –5.0 V, V B = –3.5 V, R L = 1.0 kΩ)
(V
CC = –5.0 V, V B = –5.5 V, R L = 1.0 kΩ)
(V
CC = –5.0 V, V B = –4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = –5.0 V, V B = –0.5 V, R L = 1.0 k
Ω)
(V CC = –5.0 V, V B = –0.05 V, R L = 1.0 k
Ω) MUN5130DW1T1
(V CC = –5.0 V, V B = –0.25 V, R L = 1.0 k
Ω) MUN5115DW1T1
MUN5116DW1T1
MUN5131DW1T1
MUN5133DW1T1
V OH
–4.9
Vdc


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211DW1T1Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn