Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHI907 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # LHI907
Description  Single Element Detector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LHI907 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  LHI907 Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Field of View
www.perkinelmer.com/opto
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel Jaksch Str 31
Wiesbaden / Germany
Phone +49(0)611 492 0
Fax
+49(0)611 492 170
USA:
PerkinElmer Optoelectronics
2175 Mission Colledge Blvd
Santa Clara, CA 95054
Phone +408 565 0830
Fax
+408 565 0703
Asia:
PerkinElmer Optoelectronics
47, Ayer Rajah Crescent #06-12
Singapore
139947
Phone +65 775 2022
Fax
+65 775 1008
Single Element Detector LHi 907
Single Element Detector LHi 907
Single Element Detector LHi 907
Single Element Detector LHi 907
Single Element Detector LHi 907
Frequency Response
Dimensions in mmm
Round element design with compensation
Single FET output
Designed for ceiling mount applications
The LHi 907 pyroelectric infrared-detector is a special design for motion control
in ceiling mount applications. It includes a pyroelectric ceramic with a round
sensitive element connected to one FET in source follower connection, and a
compensational second element.
This detector is available inTO-5 housing with a standard infrared filter. It offers
low noise, and special field of view and capture for ceiling mount applications.
all Dimensions in mm
0,1
1
10
0,01
0,1
1
10
f [Hz]
s
r
e
t
e
m
a
r
a
P
n
i
ml
a
c
i
p
y
tx
a
ms
t
i
n
un
o
i
t
i
d
n
o
c
e
z
i
s
t
n
e
m
e
l
E
y
t
i
v
i
s
n
o
p
s
e
R
e
s
i
o
N
e
g
a
t
l
o
V
t
e
s
f
f
O
P
E
N
*
D
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
l
a
t
n
o
z
i
r
o
h
,
w
e
i
V
f
o
d
l
e
i
F
l
a
c
i
t
r
e
v
.
p
m
e
T
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Pyroelectric Infrared Detectors
Lighting
|
Imaging
|
Telecom
i
H
L
7
0
9
7
7
,
1m
m 2
)t
n
e
m
e
l
e
1
(
0
0
3
30
0
0
4W
/
Vz
H
1
,
C
°
0
0
1
0
20
5p
p
V
µz
H
0
1
..
.
3
,
0
,
C
°
5
2
2
,
05
,
1V
R
S
k
7
4
=
W
C
°
5
2
,
5
,
7 x 0
1 0
1
-
3
2 x 0
1 0
1
-
W Ö z
Hz
H
1
,
C
°
0
0
1
,
w
B
z
H
1
6x 0
1 7
9
1 x 0
1 7
m
c Ö
W
/
z
Hz
H
1
,
C
°
0
0
1
,
w
B
z
H
1
50
1kW
R
S
k
7
4
=
W
C
°
5
2
,
25
1V
R
S
k
7
4
=
W
C
°
5
2
,
°
0
5
1d
e
t
c
u
rt
s
b
o
n
u
°
5
4
1d
e
t
c
u
rt
s
b
o
n
u
0
4
-5
8C
°t
n
e
n
a
m
r
e
p
n
o
n
0
4
-5
8C
°t
n
e
n
a
m
r
e
p
n
o
n


Similar Part No. - LHI907

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI906 PERKINELMER-LHI906 Datasheet
234Kb / 1P
   Dual Element Detector
More results

Similar Description - LHI907

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI807 PERKINELMER-LHI807 Datasheet
242Kb / 1P
   Single Element Detector
LHI808 PERKINELMER-LHI808 Datasheet
238Kb / 1P
   Single Element Detector
LHI333 PERKINELMER-LHI333 Datasheet
215Kb / 1P
   Dual Element Detector
LHI778 PERKINELMER-LHI778 Datasheet
224Kb / 1P
   Dual Element Detector
LHI2068 PERKINELMER-LHI2068 Datasheet
240Kb / 1P
   Dual Element Detector
LHI906 PERKINELMER-LHI906 Datasheet
234Kb / 1P
   Dual Element Detector
LHI968 PERKINELMER-LHI968 Datasheet
230Kb / 1P
   Dual Element Detector
LHI1548 PERKINELMER-LHI1548 Datasheet
235Kb / 1P
   Twin win Element Detector LHi
LHI1148 PERKINELMER-LHI1148 Datasheet
255Kb / 1P
   Quad Element Detector LHi 1148
LHI1448 PERKINELMER-LHI1448 Datasheet
235Kb / 1P
   Twin win Element Detector LHi 1448
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com