Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP34X2G Datasheet(PDF) 96 Page - Micronas

Part # MSP34X2G
Description  Multistandard Sound Processor Family with Dolby Surround Pro Logic
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G Datasheet(HTML) 96 Page - Micronas

Back Button MSP34X2G Datasheet HTML 92Page - Micronas MSP34X2G Datasheet HTML 93Page - Micronas MSP34X2G Datasheet HTML 94Page - Micronas MSP34X2G Datasheet HTML 95Page - Micronas MSP34X2G Datasheet HTML 96Page - Micronas MSP34X2G Datasheet HTML 97Page - Micronas MSP34X2G Datasheet HTML 98Page - Micronas MSP34X2G Datasheet HTML 99Page - Micronas MSP34X2G Datasheet HTML 100Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
MSP 34x2G
PRELIMINARY DATA SHEET
96
Micronas
6.4.4. NICAM Error Rate Register
Average error rate of the NICAM reception in a time
interval of 182 ms, which should be close to 0. The ini-
tial and maximum value of ERROR_RATE is 2047.
This value is also active if the NICAM bit of
MODE_REG is not set. Since the value is achieved by
filtering, a certain transition time (approx. 0.5 sec) is
unavoidable. Acceptable audio may have error rates
up to a value of 700 int. Individual evaluation of this
value by the controller and an appropriate threshold
may define the fallback mode from NICAM to FM/
AM-Mono in case of poor NICAM reception.
The bit error rate per second (BER) can be calculated
by means of the following formula:
BER = ERROR_RATE * 12.3*10−6 /s
6.4.5. PLL_CAPS Readback Register
It is possible to read out the actual setting of the
PLL_CAPS. In standard applications, this register is
not of interest for the customer.
6.4.6. AGC_GAIN Readback Register
It is possible to read out the actual setting of
AGC_GAIN in Automatic Gain Mode. In standard
applications, this register is not of interest for the cus-
tomer.
6.4.7. Automatic Search Function for FM-Carrier
Detection in Satellite Mode
The AM demodulation ability of the MSP 34x2G offers
the possibility to calculate the “field strength” of the
momentarily selected FM carrier, which can be read
out by the controller. In SAT receivers, this feature can
be used to make automatic FM carrier search possible.
For this, the MSP has to be switched to AM-mode
(MODE_REG[8]),
FM-Prescale
must
be
set
to
7Fhex = +127dec, and the FM DC notch (see section
6.5.7.) must be switched off. The sound-IF frequency
range must now be “scanned” in the MSP-channel 2 by
means of the programmable quadrature mixer with an
appropriate incremental frequency (i.e. 10 kHz). After
each incrementation, a field strength value is available
at the quasi-peak detector output (quasi-peak detector
source must be set to FM), which must be examined
for relative maxima by the controller. This results in
either continuing search or switching the MSP back to
FM demodulation mode.
During the search process, the FIR2 must be loaded
with
the
coefficient
set
“AUTOSEARCH”,
which
enables small bandwidth, resulting in appropriate field
strength characteristics. The absolute field strength
value (can be read out of “quasi-peak detector output
FM1”) also gives information on whether a main FM
carrier or a subcarrier was detected; and as a practical
consequence, the FM bandwidth (FIR1/2) and the
deemphasis (50
µs or adaptive) can be switched
accordingly.
Due to the fact that a constant demodulation frequency
offset of a few kHz leads to a DC level in the demodu-
lated signal, further fine tuning of the found carrier can
be achieved by evaluating the “DC Level Readout
FM1”. Therefore, the FM DC Notch must be switched
on, and the demodulator part must be switched back to
FM-demodulation mode.
For a detailed description of the automatic search
function, please refer to the corresponding MSP Win-
dows software.
ERROR_RATE
00 57hex
Error free
0000hex
maximum error rate
07FFhex
PLL_CAPS
02 1Fhex L
minimum frequency
1111 1111
FFhex
nominal frequency
0101 0110
56hex
RESET
maximum frequency
0000 0000
00hex
PLL_CAPS
02 1Fhex H
PLL open
xxxx xxx0
PLL closed
xxxx xxx1
AGC_GAIN
02 1Ehex
max. amplification
(20 dB)
0001 0100
14hex
min. amplification
(3 dB)
0000 0000
00hex


Similar Part No. - MSP34X2G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

Similar Description - MSP34X2G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
NXP Semiconductors
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
logo
Renesas Technology Corp
M62465FP RENESAS-M62465FP Datasheet
376Kb / 25P
   Dolby Pro Logic Surround
logo
Mitsubishi Electric Sem...
M62465FP MITSUBISHI-M62465FP Datasheet
7Mb / 24P
   Dolby Pro Logic Surround
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com