Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP34X2G Datasheet(PDF) 3 Page - Micronas

Part No. MSP34X2G
Description  Multistandard Sound Processor Family with Dolby Surround Pro Logic
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G Datasheet(HTML) 3 Page - Micronas

  MSP34X2G Datasheet HTML 1Page - Micronas MSP34X2G Datasheet HTML 2Page - Micronas MSP34X2G Datasheet HTML 3Page - Micronas MSP34X2G Datasheet HTML 4Page - Micronas MSP34X2G Datasheet HTML 5Page - Micronas MSP34X2G Datasheet HTML 6Page - Micronas MSP34X2G Datasheet HTML 7Page - Micronas MSP34X2G Datasheet HTML 8Page - Micronas MSP34X2G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Contents, continued
Page
Section
Title
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
3
21
3.
Control Interface
21
3.1.
I2C Bus Interface
21
3.1.1.
Device and Subaddresses
21
3.1.2.
Internal Hardware Error Handling
22
3.1.3.
Description of CONTROL Register
22
3.1.4.
Protocol Description
23
3.1.5.
Proposals for General MSP 34x2G I2C Telegrams
23
3.1.5.1.
Symbols
23
3.1.5.2.
Write Telegrams
23
3.1.5.3.
Read Telegrams
23
3.1.5.4.
Examples
23
3.2.
Start-Up Sequence: Power-Up and I2C Controlling
23
3.3.
MSP 34x2G Programming Interface
23
3.3.1.
User Registers Overview
27
3.3.2.
Description of User Registers
28
3.3.2.1.
STANDARD SELECT Register
28
3.3.2.2.
Refresh of STANDARD SELECT Register
28
3.3.2.3.
STANDARD RESULT Register
30
3.3.2.4.
Write Registers on I2C Subaddress 10hex
31
3.3.2.5.
Read Registers on I2C Subaddress 11hex
32
3.3.2.6.
Write Registers on I2C Subaddress 12hex
46
3.3.2.7.
Read Registers on I2C Subaddress 13hex
47
3.4.
Programming Tips
47
3.5.
Examples of Minimum Initialization Codes
47
3.5.1.
SCART1 Input to Loudspeaker in Stereo Sound
47
3.5.2.
B/G-FM (A2 or NICAM)
47
3.5.3.
BTSC-Stereo
48
3.5.4.
BTSC-SAP with SAP at Loudspeaker Channel
48
3.5.5.
FM-Stereo Radio
48
3.5.6.
Automatic Standard Detection
48
3.5.7.
Dolby Surround Pro Logic Example
48
3.5.8.
Virtual Dolby Surround Example
48
3.5.9.
Noise Sequencer for Dolby Pro Logic
48
3.5.10.
Software Flow for Interrupt driven STATUS Check
50
4.
Specifications
50
4.1.
Outline Dimensions
51
4.2.
Pin Connections and Short Descriptions
54
4.3.
Pin Descriptions
57
4.4.
Pin Configurations
60
4.5.
Pin Circuits
62
4.6.
Electrical Characteristics
62
4.6.1.
Absolute Maximum Ratings
63
4.6.2.
Recommended Operating Conditions (TA = 0 to 70 °C)
63
4.6.2.1.
General Recommended Operating Conditions
63
4.6.2.2.
Analog Input and Output Recommendations
64
4.6.2.3.
Recommendations for Analog Sound IF Input Signal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn