Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV2109 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # MV2109
Description  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MV2109 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  MV2109 Datasheet HTML 1Page - E-Tech Electronics LTD MV2109 Datasheet HTML 2Page - E-Tech Electronics LTD MV2109 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
I6–3/3
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1
MMBV2107LT1 MMBV2108LT1 MMBV2109LT1
100
50
20
10
5.0
2.0
1.0
.50
.20
.10
.05
.02
.01
0
5.0
10
15
20
25
30
1.040
1.030
1.020
1.010
1.000
0.990
0.980
0.970
0.960
5000
3000
2000
1000
500
300
200
100
50
30
20
10
1.0
2.0
3.0
5.0
7.0
10
20
30
–75
–50
–25
0
+25
+50
+75
+100
+125
TYPICAL DEVICE CHARACTERISTICS
V R , REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance versus Reverse Voltage
T J, JUNCTION TEMPERATURE (°C)
Figure 2. Normalized Diode Capacitance
versus Junction Temperature
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Reverse Current versus
Reverse Bias Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Figure of Merit versus
Reverse Voltage
f, FREQUENCY (MHz)
Figure 5. Figure of Merit versus
Frequency
T A = 25°C
f = 1.0 MHz
1000
500
200
100
50
20
10
5.0
2.0
1.0
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
MV2115
MMBV2109LT1/MV2109
V R = 2.0Vdc
V R = 4.0Vdc
V R = 30Vdc
T A = 125°C
T A = 75°C
T A = 25°C
T A = 25°C
f = 50 MHz
MV2115
T A = 25°C
V R = 4.0 Vdc
MV2115
MMBV2105LT1/MV2105
MMBV2101LT1/MV2101
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
NORMALIZED TO CT
at T A = 25°C
V R = (CURVE)
5000
3000
2000
1000
500
300
200
100
50
30
20
10
10
20
30
50
70
100
200
300


Similar Part No. - MV2109

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MV2109 LRC-MV2109 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
ON Semiconductor
MV2109 ONSEMI-MV2109 Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MV2109 NJSEMI-MV2109 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
logo
ON Semiconductor
MV2109G ONSEMI-MV2109G Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
More results

Similar Description - MV2109

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com