Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HV7151SP Datasheet(PDF) 5 Page - Hynix Semiconductor

Part No. HV7151SP
Description  CMOS Image Sensor with Image Signal Processing
Download  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

HV7151SP Datasheet(HTML) 5 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
HV7151SP
CMOS Image Sensor
Confidential
With Image Signal Processing
This document is a general product description and is subject to change without notice. Hynix
Semiconductor Inc. does not assume any responsibility for use of circuits described and no patent
licenses are implied.
- 5 -
2003 Hynix Semiconductor Inc.
General Description
HV7151SP is a highly integrated single chip CMOS color image sensor implemented by proprietary
Hynix 0.18um CMOS sensor process realizing high sensitivity and wide dynamic range. Active pixel
array is 1164x886. Each active pixel composed of 4 transistors, it has a micro-lens to enhance
sensitivity, and converts photon energy to analog pixel voltage. On-chip 11bit Analog to Digital
Converter (ADC) digitizes analog pixel voltage, and on-chip Correlated Double Sampling (CDS)
scheme reduces Fixed Pattern Noise (FPN) dramatically. General image processing functions are
implemented to diversify its applications, and various output formats are supported for the sensor to
easily interface with different video codec chips. The integration of sensor function and image
processing functions make HV7151SP especially very suitable for mobile imaging systems such as
digital still camera, PC input camera and IMT-2000 phone’s video part that requires very low power
and system compactness.
Features
n
Optical Format : 1/4 inch / Pixel Size : 3.2
µm x 3.2µm
n
Active Pixel Array : 1170 x 886
n
Multiple Video Modes : 1152x864(MEGA), 640x480(VGA), 576x432(1/4 MEGA), 352x288(CIF),
320x240(QVGA), 288x216(1/16 MEGA), 176x144(QCIF)
n
Bayer RGB Color filter array
/
Micro-lens for high sensitivity
n
On-chip Frequency Synthesizer
n
On-chip 11 bit Analog to Digital Converter
n
Correlated Double Sampling (CDS) for reduction of Fixed Pattern Noise (FPN)
n
Automatic Flicker Cancellation (AFC)
n
Automatic Black Level Calibration (ABLC)
n
Gamma Correction by programmable piecewise linear approximation
n
5x5 Color Interpolation
n
Color Correction by programmable 3x3 matrix operation
n
Color Space Conversion from RGB to YCbCr and Reverse Conversion from YCbCr to RGB
n
Image adjustment :Contrast, Brightness, Saturation, Edge Enhancement, Chroma Suppression
n
Various Output Formats: CCIR-601, CCIR-656 Compatible
YCbCr 4:2:2, YCbCr 4:4:4, RGB 4:4:4, RGB 565, Bayer
n
8bit/16bit Data Bus Mode
n
Automatic Exposure Control and Automatic White Balance Control
n
Power Save Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7161SPA2CMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
LZ34C101/4-type Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn