Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AK009W- Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-K1AK009W-
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK009W- Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTR-K1AK009W- Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK009W- Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FTR-K1 SERIES
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now. All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu.
l
All signal and power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE and DecaBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems (compatible).
l
“LF” is marked on each outer and inner carton. (No marking on individual relays).
Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Solder condition
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in
house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C solder bath
Solder by Soldering Iron:
SolderingIron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.


Similar Part No. - FTR-K1AK009W-

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK009W-HT FUJITSU-FTR-K1AK009W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
More results

Similar Description - FTR-K1AK009W-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com