Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0765RG Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSCM0765RG
Description  Green Mode Fairchild Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765RG Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCM0765RG Datasheet HTML 1Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765RG Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSCM0465R Rev. 1.0.1
5
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings.
TA = 25°C unless otherwise specified.
Notes:
1. Tj = 25°C to 150°C
2. Repetitive rating: Pulse-width limited by maximum junction temperature
3. TC: Case back surface temperature with infinite heat sink
Symbol
Parameter
Value
Unit
BVDSS
Drain-Source Breakdown Voltage(1)
650
V
VDGR
Drain-Gate Voltage (RGS=1MΩ)650
V
VGS
Gate-Source (GND) Voltage
±30
V
IDM
Drain Current Pulsed(2)
16
ADC
ID
Continuous Drain Current
(TO-220-6L, I2-PAK-6L)
TC = 25°C
4.0
ADC
TC = 100°C
2.5
ADC
Continuous Drain Current
(D2-PAK-6L)
TC = 25°C
2.3
ADC
TC = 100°C
1.4
ADC
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
-0.3 to VCC
V
PD
Total Power Dissipation (TO-220-6L)
140
W
Derating
-1.1
W/°C
PD
Total Power Dissipation (I2-PAK-6L)
75
W
Derating
-1.5
W/°C
PD
Total Power Dissipation (D2-PAK-6L)
80
W
Derating
-0.64
W/°C
TJ
Operating Junction Temperature
Internally limited
°C
TA
Operating Ambient Temperature
-25 to +85
°C
TSTG
Storage Temperature
-55 to +150
°C
ESD Capability, HBM Model
(All pins except Vfb)
2.0
(GND-Vfb = 1.5kV)
(VCC-Vfb = 1.0kV)
kV
ESD Capability, Machine Model
(All pins except Vfb)
300
(GND-Vfb = 250V)
(VCC-Vfb = 100V)
V


Similar Part No. - FSCM0765RG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0765RGWDTU FAIRCHILD-FSCM0765RGWDTU Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0765RG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com