Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0465RIWDTU Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSCM0465RIWDTU
Description  Green Mode Fairchild Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0465RIWDTU Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSCM0465RIWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 9Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 10Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 11Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 12Page - Fairchild Semiconductor FSCM0465RIWDTU Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSCM0465R Rev. 1.0.1
9
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25°C.
Figure 10. Shutdown Feedback voltage vs. Temp.
Figure 11. Burst Mode Enable Voltage vs. Temp.
Figure 12. Maximum Drain Current vs. Temp.
Figure 13. Shutdown Delay Current vs. Temp.
Figure 14. Burst Mode Disable Voltage vs. Temp.
Figure 15. Operating Supply Current vs. Temp.
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]
0.80
0.88
0.96
1.04
1.12
1.20
-50
-25
0
25
50
75
100
125
Junction Temperature [°C]


Similar Part No. - FSCM0465RIWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
346Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSCM0565R ONSEMI-FSCM0565R Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
More results

Similar Description - FSCM0465RIWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com