Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F4 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-F4
Description  2 POLE 5A/TV-3 RATED COMPACT TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F4 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-F4 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F4 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F4 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F4 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F4 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F4 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

FTR-F4 SERIES
n
FEATURES
l
Small high density type relay 288mm2 save 24% compared
to VB
l
UL/CSA TV-3 rating
l
Insulation distance: minimum 6 mm between coil and con-
tacts (IEC65)
Dielectric strength: 4 KVAV
Surge strength: 0 KV
l
Card separation system for high noise resistance between
coil and contacts
l
UL 94V-0 flamability materials, UL Class B (130˚C)
l
Safety standards
UL, CSA, VDE, SEMKO pending
l
RoHS compliant since date code: 0437L2
Please see page 5 for more information
n
APPLICATIONS
l
CRT monitor EMI protection
l
Audio system speaker protection
FTR-F4 Series
POWER RELAY
2 POLE 5A/TV-3 RATED COMPACT TYPE
(a)
Series Name
FTR-F4 : FTR-F4 Series
(b)
Contact Arrangement
A
: 2 form A (DPST)
(c)
Coil Type
K
: Standard type (530 mW)
(d)
Nominal Voltage
005
: 5 VDC,
006 : 6VDC,009 : 9VDC
012
: 12VDC, 024 : 24VDC,
048 : 48VDC
(e)
TV-Rating
T
: TV-3
(f)
Custom Designation
Special number for customized products
n
ORDERING INFORMATION
FTR-F4
A
K
02
T
– **
[Example]
(a)
(b) (c)
(d)
(e)
(f)
Ordering Code:
FTR-F4AK02T
Actual Marking:
F4AK02T
RoHS compliant


Similar Part No. - FTR-F4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4 FUJITSU-FTR-F4 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4-A-K-012-T FUJITSU-FTR-F4-A-K-012-T Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-F4AK005T FUJITSU-FTR-F4AK005T Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4AK006T FUJITSU-FTR-F4AK006T Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4AK009T FUJITSU-FTR-F4AK009T Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
More results

Similar Description - FTR-F4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
logo
Panasonic Semiconductor
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
   Rated current : 5A max
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Ningbo Tianbo Ganglian ...
HJQ-22F-2 TIANBO-HJQ-22F-2 Datasheet
1Mb / 3P
   2 to 3 pole configurations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com