Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM15MD-12H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. CM15MD-12H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM15MD-12H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI IGBT MODULES
CM15MD-12H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
INVERTER PART
BRAKE PART
CONVERTER PART
Note 1. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode.
2. Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Thermal resistance is specified under following conditions.
The conductive greese applied, between module and fin.
Al plate is used as fin.
Collector cutoff current
Gate-emitter
threshold voltage
Gate-emitter cutoff current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
V
V
1
0.5
2.8
1.5
1.2
0.3
120
300
200
300
2.8
110
2.8
3.5
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 150
°C
VCC = 300V, IC = 15A, VGE = 15V
VCC = 300V, IC = 15A
VGE1 = VGE2 = 15V
RG = 42
Resistive load
IE = 15A, VGE = 0V
IE = 15A, VGE = 0V
die / dt = – 30A /
µs
IGBT part, Per 1/6 module
FWDi part, Per 1/6 module
mA
µ A
nF
nF
nF
nC
ns
ns
ns
ns
V
ns
µ C
°C/W
°C/W
2.1
2.15
45
0.04
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC (Note. 1)
trr (Note. 1)
Qrr (Note. 1)
Rth(j-f)Q (Note. 5)
Rth(j-f)R (Note. 5)
Symbol
Parameter
Test conditions
VGE(th)
VCE(sat)
Limits
Min.
Typ.
Max.
Unit
6
4.5
7.5
IC = 1.5mA, VCE = 10V
IC = 15A, VGE = 15V
(Note. 4)
VCE = 10V
VGE = 0V
Min.
Typ.
Max.
Collector cutoff current
Gate-emitter
threshold voltage
Gate-emitter cutoff current
Collector-to-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Forward voltage drop
Thermal resistance
V
V
1
0.5
2.8
1.5
1.2
0.3
1.5
2.8
3.6
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 150
°C
VCC = 300V, IC = 15A, VGE = 15V
IF = 15A, Clamp diode part
IGBT part
Clamp diode part
IC = 1.5mA, VCE = 10V
IC = 15A, VGE = 15V
(Note. 4)
VCE = 10V
VGE = 0V
mA
µ A
nF
nF
nF
nC
V
°C/W
°C/W
2.1
2.15
45
ICES
IGES
Cies
Coes
Cres
QG
VFM
Rth(j-f)Q (Note. 5)
Rth(j-f)R (Note. 5)
Symbol
Parameter
Condition
VGE(th)
VCE(sat)
Limits
Unit
6
4.5
7.5
Repetitive reverse current
Forward voltage drop
Thermal resistance
VR = VRRM, Tj = 150
°C
IF = 15A
Per 1/6 module
mA
V
°C/W
IRRM
VFM
Rth(j-f) (Note. 5)
Symbol
Parameter
Condition
Limits
Min.
Typ.
Max.
Unit
8
1.5
3.6


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM15MD-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM50HA-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30CY-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn