Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM15MD-12H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. CM15MD-12H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM15MD-12H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
30
24
18
12
6
0
20
10
2
0
4
6
8
12141618
VCE = 10V
Tj = 25
°C
Tj = 125
°C
5
4
3
2
1
0
30
0
612
18
24
Tj = 25
°C
Tj = 125
°C
VGE = 15V
100
102
7
5
3
2
0
0.8
1.6
101
7
5
3
2
2.4
3.2
4.0
Tj = 25
°C
30
24
18
12
6
0
10
5
1
0
2
3
4
6789
VGE=20
(V)
Tj=25
°C
9
15
12
11
10
8 7
10
8
6
4
2
0
20
10
2
0
4
6
8
12141618
9
7
5
3
1
Tj = 25
°C
IC = 30A
IC = 15A
IC = 6A
10–1
23
10–1
57
100 23 5 7 101 23 5 7 102
101
7
5
3
2
100
7
5
3
2
7
5
3
2
10–2
Cies
VGE = 0V
Coes
Cres
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
GATE-EMITTER VOLTAGE VGE (V)
FREE-WHEEL DIODE
FORWARD CHARACTERISITICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
CAPACITANCE VS. VCE
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
MITSUBISHI IGBT MODULES
CM15MD-12H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
PERFORMANCE CURVES


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM15MD-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM50HA-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30CY-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn