Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM50GB60DLC Datasheet(PDF) 4 Page - eupec GmbH

Part # BSM50GB60DLC
Description  IGBT-Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GB60DLC Datasheet(HTML) 4 Page - eupec GmbH

  BSM50GB60DLC Datasheet HTML 1Page - eupec GmbH BSM50GB60DLC Datasheet HTML 2Page - eupec GmbH BSM50GB60DLC Datasheet HTML 3Page - eupec GmbH BSM50GB60DLC Datasheet HTML 4Page - eupec GmbH BSM50GB60DLC Datasheet HTML 5Page - eupec GmbH BSM50GB60DLC Datasheet HTML 6Page - eupec GmbH BSM50GB60DLC Datasheet HTML 7Page - eupec GmbH BSM50GB60DLC Datasheet HTML 8Page - eupec GmbH BSM50GB60DLC Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM 50 GB 60 DLC
VCE [V]
VCE [V]
0
10
20
30
40
50
60
70
80
90
100
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
Tvj = 25°C
Tvj = 125°C
Ausgangskennlinie (typisch)
IC= f (VCE)
Output characteristic (typical)
VGE= 15V
0
10
20
30
40
50
60
70
80
90
100
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
VGE = 8V
VGE = 9V
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
Ausgangskennlinienfeld (typisch)
IC= f (VCE)
Output characteristic (typical)
Tvj= 125°C
4 (8)
BSM 50 GB 60 DLC
2000-02-08


Similar Part No. - BSM50GB60DLC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM50GB100D SIEMENS-BSM50GB100D Datasheet
339Kb / 8P
   IGBT MODULE
logo
eupec GmbH
BSM50GB120DLC EUPEC-BSM50GB120DLC Datasheet
149Kb / 9P
   IGBT-Modules
logo
Siemens Semiconductor G...
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
eupec GmbH
BSM50GB120DN2 EUPEC-BSM50GB120DN2 Datasheet
260Kb / 10P
   IGBT Power Module
logo
Infineon Technologies A...
BSM50GB120DN2 INFINEON-BSM50GB120DN2 Datasheet
260Kb / 10P
   IGBT Power Module
Oct-21-1997
More results

Similar Description - BSM50GB60DLC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com