Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH1216BNP-470M Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH1216BNP-470M
Description  RCH1216B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH1216BNP-470M Datasheet(HTML) 3 Page - Sumida Corporation

  RCH1216BNP-470M Datasheet HTML 1Page - Sumida Corporation RCH1216BNP-470M Datasheet HTML 2Page - Sumida Corporation RCH1216BNP-470M Datasheet HTML 3Page - Sumida Corporation RCH1216BNP-470M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
TYPE
RCH1216B
1.APPEARANCE
1-1.DIMENSIONS(mm)
* PIN PICH SHALL BE MEASURED AT THE ROOT OF THE TERMINAL.
* DIMENSION DOES NOT INCLUDE SOLDER USED ON COIL.
1-2.STAMP (E.G.)
DIRECTLY STAMP
UNFIXED POSITION
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM VIEW)
(10μH~47μH)
(56μH~2.2mH)
※ TO BE CONNECTED BETWEEN #1 AND #4, #2 AND #3 (10μH~47μH) WHEN USING.
※ IT IS NO MATTER FOR THE ELECTRIC CHARACTERISTICS IF TERMINAL 1 IS CONNECTED TO TERMINAL 4,
TERMINAL 2 IS CONNECTED TO TERMINAL 3 WITH SOLDER. (ON THE BOTTOM OF DRUM CORE)
(10μH~47μH)
100
DATA CODE
PIN#1
MAX.16.0
5.0±0.5
4.0±0.3
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - RCH1216BNP-470M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH1216BNP-470M SUMIDA-RCH1216BNP-470M Datasheet
239Kb / 5P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com